Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21265-P Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # PS21265-P
Description  Dual-In-Line Intelligent Power Module 20 Amperes 600 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21265-P Datasheet(HTML) 7 Page - Powerex Power Semiconductors

  PS21265-P_10 Datasheet HTML 1Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 2Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 3Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 4Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 5Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 6Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 7Page - Powerex Power Semiconductors PS21265-P_10 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS21265-P / PS21265-AP
Intellimod™ Module
Dual-In-Line Intelligent Power Module
20 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
08/10 Rev. 01
100
102
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - N-SIDE)
103
104
102
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - P-SIDE)
103
104
102
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - P-SIDE)
103
104
101
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - P-SIDE)
102
103
101
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - P-SIDE)
102
103
100
102
101
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - N-SIDE)
103
104
VCC = 300V
VD = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
101
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - N-SIDE)
102
103
101
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - N-SIDE)
102
103
SWITCHING LOSS (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - P-SIDE)
COLLECTOR CURRENT, IC, (AMPERES)
102
101
101
100
10-1
10-2
100
VCC = 300V
VD = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = VDB = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = VDB = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = VDB = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = VDB = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = = 15V
VIN = 0 ⇔ 5V
Tj = 25°C
Tj = 125°C
100
102
COLLECTOR CURRENT, IC, (AMPERES)
100
102
101
101
COLLECTOR CURRENT, IC, (AMPERES)
COLLECTOR CURRENT, IC, (AMPERES)
102
101
100
100
102
COLLECTOR CURRENT, IC, (AMPERES)
100
102
101
101
COLLECTOR CURRENT, IC, (AMPERES)
COLLECTOR CURRENT, IC, (AMPERES)
102
101
100
VCC = 300V
VD = VDB = 15V
VIN = 0 ⇔ 5V
PSW(off) = 25°C
PSW(off) = 125°C


Similar Part No. - PS21265-P_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
More results

Similar Description - PS21265-P_10

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21965 POWEREX-PS21965 Datasheet
732Kb / 7P
   Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21245-E POWEREX-PS21245-E Datasheet
80Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21865-P POWEREX-PS21865-P Datasheet
327Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21455-E POWEREX-PS21455-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS51787 POWEREX-PS51787 Datasheet
460Kb / 4P
   Dual-In-Line Intelligent Power Factor Correction Module 20 Amperes/600 Volts
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
   Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com