Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-709ASMZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709ASMZ
Description  10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709ASMZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-709ASMZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709ASMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Receiver Section
The receiver section includes the Receiver Optical Sub-
Assembly (ROSA) and the amplification/quantization cir-
cuitry. The ROSA, containing a PIN photodiode and cus-
tom transimpedance amplifier, is located at the optical
interface and mates with the LC optical connector. The
ROSA output is fed to a custom IC that provides post-
amplification and quantization.
Receiver Loss of Signal (Rx_LOS)
The post-amp IC also includes transition detection cir-
cuitry which monitors the AC level of incoming optical
signals and provides a LVTTL/CMOS compatible status
signal to the host. A high status signal indicates loss of
modulated signal, indicating link failures such as broken
fiber or failed transmitter. Rx_LOS can also be monitored
via the two-wire serial interface(address A2h, byte 110,
bit 1).
Functional Data I/O
The AFBR-709ASMZ interfaces with the host circuit
board through the twenty contact SFP+ electrical con-
nector. See Table 2 for contact descriptions. The mod-
ule edge connector is shown in Figure 4. The host board
layout for this interface is depicted in Figure 8.
The AFBR-709ASMZ high speed transmit and receive in-
terfaces require SFF-8431 compliant signal lines on the
host board. To simplify board requirements, biasing re-
sistors and AC coupling capacitors are incorporated into
the SFP+ transceiver module (per SFF-8431) and hence
are not required on the host board. The TX_DISABLE, TX_
FAULT and RX_LOS signals require LVTTL signals on the
host board (per SFF-8431) if used. If an application does
not take advantage of these functions, care must be tak-
en to ground TX_DISABLE to enable normal operation.
Figure 2 depicts the recommended interface circuit to
link the AFBR-709ASMZ to supporting physical layer ICs.
Timing for the dedicated SFP+ control signals imple-
mented in the transceiver are listed in Figure 6.
Application Support
An Evaluation Kit and Reference Designs are available to
assist in evaluation of the AFBR-709ASMZ. Please con-
tact your local Field Sales representative for availability
and ordering details.
Caution
There are no user serviceable parts nor maintenance
requirements for the AFBR-709ASMZ. All mechanical
adjustments are made at the factory prior to shipment.
Tampering with, modifying, misusing or improperly han-
dling the AFBR-709ASMZ will void the product warranty.
It may also result in improper operation and possibly
overstress the laser source. Performance degradation
or device failure may result. Connection of the AFBR-
709ASMZ to a light source not compliant with IEEE Std.
802.3ae Clause 52 and SFF-8341 specifications, operat-
ing above maximum operating conditions or in a man-
ner inconsistent with it’s design and function may result
in exposure to hazardous light radiation and may consti-
tute an act of modifying or manufacturing a laser prod-
uct. Persons performing such an act are required by law
to recertify and re-identify the laser product under the
provisions of U.S. 21 CFR (Subchapter J) and TUV.
Customer Manufacturing Processes
This module is pluggable and is not designed for aque-
ous wash, IR reflow, or wave soldering processes.
Ordering Information
Please contact your local field sales engineer or one of
Avago Technologies franchised distributors for ordering
information. For technical information, please visit Ava-
go Technologies’WEB page at www.avagotech.com For
information related to SFF Committee documentation
visit www.sffcommittee.org.


Similar Part No. - AFBR-709ASMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709DMZ AVAGO-AFBR-709DMZ Datasheet
514Kb / 22P
   SFP Transceiver
logo
ATGBICS by Approved Tec...
AFBR-709DMZ-C ATGBICS-AFBR-709DMZ-C Datasheet
355Kb / 11P
   AFBR-709DMZ Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-IN2-C ATGBICS-AFBR-709DMZ-IN2-C Datasheet
356Kb / 11P
   AFBR-709DMZ-IN2 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-SN1-C ATGBICS-AFBR-709DMZ-SN1-C Datasheet
356Kb / 11P
   AFBR-709DMZ-SN1 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-SN2-C ATGBICS-AFBR-709DMZ-SN2-C Datasheet
356Kb / 11P
   AFBR-709DMZ-SN2 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
More results

Similar Description - AFBR-709ASMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709SMZ AVAGO-AFBR-709SMZ Datasheet
492Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703ASDZ AVAGO-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-703SNZ AVAGO-AFBR-703SNZ Datasheet
485Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, mini-SFP (mSFP) Transceiver
AFBR-708SMZ AVAGO-AFBR-708SMZ Datasheet
495Kb / 18P
   10Gb Ethernet, 850 nm, SFP USR, 100m on OM3 MMF Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com