Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-703SNZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-703SNZ
Description  10Gb Ethernet, 850 nm, 10GBASE-SR, mini-SFP (mSFP) Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-703SNZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-703SNZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SNZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Electromagnetic Interference (EMI)
Equipment incorporating 10 gigabit transceivers is
typically subject to regulation by the FCC in the United
States, CENELEC EN55022 (CISPR 22) in Europe and VCCI
in Japan. The AFBR-703SNZ enables equipment compli-
ance to these standards detailed in Table 1. The metal
housing and shielded design of the AFBR-703SNZ mini-
mizes the EMI challenge facing the equipment designer.
For superior EMI performance it is recommended that
equipment designs utilize SFP+ cages per SFF 8432.
RF Immunity (Susceptibility)
Due to its shielded design, the EMI immunity of the AF-
BR-703SNZ exceeds typical industry standards.
Eye Safety
The AFBR-703SNZ provides Class 1 (single fault tolerant)
eye safety by design and has been tested for compliance
with the requirements listed in Table 1. The eye safety
circuit continuously monitors the optical output power
level and will disable the transmitter upon detecting a
condition beyond the scope of Class 1 certification Such
conditions can be due to inputs from the host board
(Vcc fluctuation, unbalanced code) or a fault within the
transceiver. US CDRH and EU TUV certificates are listed
in table 1.
Flammability
The AFBR-703SNZ optical transceiver is made of metal
and high strength, heat resistant, chemical resistant and
UL 94V-0 flame retardant plastic.
Regulatory Compliance
The AFBR-703SNZ complies with all applicable laws
and regulations as detailed in Table 1. Certification level
is dependent on the overall configuration of the host
equipment. The transceiver performance is offered as a
figure of merit to assist the designer.
Electrostatic Discharge (ESD)
The AFBR-703SNZ is compatible with ESD levels found
in typical manufacturing and operating environments
as described in Table 1. In the normal handling and op-
eration of optical transceivers, ESD is of concern in two
circumstances.
The first case is during handling of the transceiver prior
to insertion into an SFP compliant cage. To protect the
device, it’s important to use normal ESD handling pre-
cautions. These include use of grounded wrist straps,
work-benches and floor wherever a transceiver is han-
dled.
The second case to consider is static discharges to the
exterior of the host equipment chassis after installation.
If the optical interface is exposed to the exterior of host
equipment cabinet, the transceiver may be subject to
system level ESD requirements.


Similar Part No. - AFBR-703SNZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDDZ AVAGO-AFBR-703SDDZ Datasheet
479Kb / 22P
   Typical power dissipation 600mW
logo
Broadcom Corporation.
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
   10Gb/1Gb Ethernet, 850nm SFP Transceiver
logo
ATGBICS by Approved Tec...
AFBR-703SDDZ-C ATGBICS-AFBR-703SDDZ-C Datasheet
355Kb / 10P
   AFBR-703SDDZ Avago Broadcom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
AFBR-703SDDZ-SN1-C ATGBICS-AFBR-703SDDZ-SN1-C Datasheet
375Kb / 10P
   AFBR-703SDDZ-SN1 Sun Oracle Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
More results

Similar Description - AFBR-703SNZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709SMZ AVAGO-AFBR-709SMZ Datasheet
492Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
AFBR-709ASMZ AVAGO-AFBR-709ASMZ Datasheet
493Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
logo
Broadcom Corporation.
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703ASDZ AVAGO-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-708SMZ AVAGO-AFBR-708SMZ Datasheet
495Kb / 18P
   10Gb Ethernet, 850 nm, SFP USR, 100m on OM3 MMF Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com