Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBC817-16L Datasheet(PDF) 5 Page - ON Semiconductor

Part # SBC817-16L
Description  General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBC817-16L Datasheet(HTML) 5 Page - ON Semiconductor

  SBC817-16L Datasheet HTML 1Page - ON Semiconductor SBC817-16L Datasheet HTML 2Page - ON Semiconductor SBC817-16L Datasheet HTML 3Page - ON Semiconductor SBC817-16L Datasheet HTML 4Page - ON Semiconductor SBC817-16L Datasheet HTML 5Page - ON Semiconductor SBC817-16L Datasheet HTML 6Page - ON Semiconductor SBC817-16L Datasheet HTML 7Page - ON Semiconductor SBC817-16L Datasheet HTML 8Page - ON Semiconductor SBC817-16L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BC846ALT1G Series, SBC846ALT1G Series
http://onsemi.com
5
BC846B, SBC846B
Figure 9. DC Current Gain vs. Collector
Current
Figure 10. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
400
600
0.1
0.01
0.001
0.0001
0
0.15
0.30
Figure 11. Base Emitter Saturation Voltage vs.
Collector Current
Figure 12. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
1.1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 20
150°C
−55°C
25°C
0.4
0.9
IC/IB = 20
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
500
0.25
0.20
0.05
0.10


Similar Part No. - SBC817-16L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBC817-16LT3 ONSEMI-SBC817-16LT3 Datasheet
145Kb / 10P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Similar Description - SBC817-16L

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
   NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
   NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
   NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com