Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2027-42-SM-RP2-LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2027-42-SM-RP2-LF
Description  2027-xx-SM Precision Gas Discharge Tube Surge Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-42-SM-RP2-LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2027-42-SM-RP2-LF Datasheet HTML 1Page - Bourns Electronic Solutions 2027-42-SM-RP2-LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to Order
2027 - xx - SM - RP - LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
15 = 150 V
23 = 230 V
30 = 300 V
40 = 400 V
47 = 470 V
09 = 90 V
20 = 200 V
25 = 250 V
35 = 350 V
42 = 420 V
60 = 600 V
Surface Mount
Packaging Option
Blank = Bulk Packaging (Standard)
RP =
24 mm Reelpack (Optional)
RP2 = 16 mm Reelpack (Optional)
RoHS Compliant Option
Blank =Standard Product
LF = RoHS Compliant Product
5.84
(.230)
6.42
(.253)
9.9
(.390)
DIA.
DIA.
0.43
(.017)
1.78
(.070)
0.71
(.028)
8.25
(.325)
7.93
(.314)
7.92
(.312)
0.76
(.030)
R
R
7.95
(.374)
8.41
(.331)
9.51
(.374)
4.00
(0.157)
.36
(.014)
3.20
(.126)
16.00
(.630)
6.85
(.270)
5.19
(.204)
6.85
(.270)
0.95
(.037)
A
A
SECTION A-A
8.48
(0.334)
0.41 ± 0.10
(0.02 ± 0.004)
8.08
(0.32)
33 °
7 °
16.00
(0.630)
4.00
(0.157)
2.00
(0.079)
1.50
(0.059)
DIA.
1.75
(0.07)
24.0
(0.94)
11.5
(0.45)
8.48
(0.334)
7.11
(0.28)
7.51
(0.296)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2027-xx-SM Precision Gas Discharge Tube Surge Protector
Product Dimensions
REV. 07/27/11
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
Model 2027-xx-SM ships standard bulk pack, 100 pcs./bag.
The optional reelpack (-RP) contains 500 pcs./reel. Reel is 33 cm in diameter and
3 cm wide.
The optional reelpack (-RP2) contains 500 pcs./reel. Reel is 33 cm in diameter
and 3 cm wide.
-RP
-RP2


Similar Part No. - 2027-42-SM-RP2-LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-42-SM-RP2 BOURNS-2027-42-SM-RP2 Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-42-SM-RP2LF BOURNS-2027-42-SM-RP2LF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2027-42-SM-RP2-LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
257Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-60-SM-RPLF BOURNS-2035-60-SM-RPLF Datasheet
275Kb / 2P
   2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-07-B2LF BOURNS-2036-07-B2LF Datasheet
245Kb / 2P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF Datasheet
275Kb / 2P
   2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-30-SM-RPLF BOURNS-2036-30-SM-RPLF Datasheet
242Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-35-SM BOURNS-2035-35-SM Datasheet
275Kb / 2P
   2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-15-SM-RPLF BOURNS-2036-15-SM-RPLF Datasheet
250Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com