Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD212900ASAL Datasheet(PDF) 11 Page - Advanced Linear Devices

Part # ALD212900ASAL
Description  DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212900ASAL Datasheet(HTML) 11 Page - Advanced Linear Devices

Back Button ALD212900ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 9Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 10Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 11Page - Advanced Linear Devices ALD212900ASAL Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ALD212900/ALD212900A
Advanced Linear Devices
11 of 12
8 Pin Plastic SOIC Package
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-8
E
e
H
L
S
1.75
0.25
0.45
0.25
5.00
4.05
6.30
0.937
0.50
0.053
0.004
0.014
0.007
0.185
0.140
0.224
0.024
0.010
0.069
0.010
0.018
0.010
0.196
0.160
0.248
0.037
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
4.69
3.50
5.70
0.60
0.25
ø
SOIC-8 PACKAGE DRAWING
L
C
H
S (45°)
ø
e
A
A1
b
D
S (45°)
E


Similar Part No. - ALD212900ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212900ASAL ALD-ALD212900ASAL Datasheet
520Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD212900ASAL ALD-ALD212900ASAL Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
More results

Similar Description - ALD212900ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800 ALD-ALD110800 Datasheet
38Kb / 2P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD110800 ALD-ALD110800_17 Datasheet
104Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com