Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4819P-2-103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4819P-2-103
Description  4800P Series - Thick Film Surface Mounted Medium Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4819P-2-103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4819P-2-103 Datasheet HTML 1Page - Bourns Electronic Solutions 4819P-2-103 Datasheet HTML 2Page - Bourns Electronic Solutions 4819P-2-103 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
RoHS compliant* (see How to Order
“Termination” option)
Standard E.I.A. package compatible with
automatic placement equipment
Tape and reel packaging standard
Custom circuits are available
Compliant leads to reduce solder joint
fatiguing
Standard electrical schematics: isolated,
bussed, dual terminator
Now available with improved tolerance to
±0.5 %
4800P Series - Thick Film Surface Mounted Medium Body
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
................... 10 ohms to 2.2 megohms
Maximum Operating Voltage ...........50 V
Temperature Coefficient of Resistance
50
Ω and above..............±100 ppm/°C
below 50
Ω.....................±250 ppm/°C
TCR Tracking
(for equal values within a package)
.....50 ppm/°C max. for values > 50
Ω;
.............100 ppm/°C for values
≤ 50 Ω
Operating Temperature
................................-55 °C to +125 °C
Insulation Resistance
........................ 10,000 megohms min.
Dielectric Withstanding Voltage
...........................................200 VRMS
Lead Solderability ..... Meet requirements
of MIL-STD-202 Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ...... ∆R MAX.
Short Time Overload..................±0.25 %
Load Life....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat ....±0.25 %
Thermal Shock ..........................±0.25 %
Physical Characteristics
Flammability ........ Conforms to UL94V-0
Lead Frame Material
.........................Copper, solder coated
Body Material................... Thermoplastic
Package Power Temp. Derating Curve
How To Order
48 16 P - 1 - 103 __ __
Model
(48 = SOM Pkg.)
Number of Pins
Electrical Configuration
• 1 or 4 = Isolated*
• 2 = Bussed*
• 3 = Dual Terminator*
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• All electrical configurations EXCEPT T03:
LF = RoHS compliant
• ONLY electrical configuration T03:
L = RoHS compliant
• Blank = Tin/Lead-plated
*For tube packaging, use T01, T02, T03 or T04.
Consult factory for other available options.
Product Dimensions
Typical Part Marking
Represents total content. Layout may
vary.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
Package Power Rating at 70 °C
4814P .....................................1.12 watts
4816P .....................................1.28 watts
4818P .....................................1.44 watts
4820P .....................................1.60 watts
Recommended Land Pattern
AMBIENT TEMPERATURE ( C )
°
0
70
125
1.6
1.4
1.2
1.0
.8
.6
.4
.2
25
4814P
4816P
4818P
4820P
2-682
4816P LF
CYYWW
RoHS COMPLIANCY
INDICATOR
PART
NUMBER
CIRCUIT
RESISTANCE CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
COUNTRY OF MANUFACTURE
(C = COSTA RICA)
DATE CODE
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
SOM-14
SOM-16
SOM-18
SOM-20
NOTE: Land pattern dimensions are based on
design rules established by the Institute for Inter-
connecting and Packaging Electronic Circuits in
IPC-SM-782.
TYP.
1.27
(.050)
8.26
(.325)
9.53
(.375)
10.80
(.425)
12.07
(.475)
4.9
(.193)
8.9
(.350)
TYP.
2.0
(.079)
TYP.
.63
(.025)
5.59
± .12
(.220
± .005)
7.62
± .25
(.300
± .010)
.432
± .076
(.017
± .003)
9.91
± .12
(.390
± .005)
12.45
± .12
(.490
± .005)
11.18
± .12
(.440
± .005)
13.72
± .12
(.540
± .005)
.13 + .12/ - .00
(.005 + .005/ - .000)
2.03
± .12
(.080
± .005)
.611
± .101
(.024
± .004)
R = .008" TYP.
8
° MAX.
Lead coplanarity .102mm (.004 inch) max. at mounting surface.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
TYP.
1.27
± .076
(.050
± .003*)
TYP.
.305 + .000/ - .101
(.012 + .000/ - .004)


Similar Part No. - 4819P-2-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4819 ETC2-4819 Datasheet
232Kb / 2P
   NYLON M/F HEX STANDOFF
logo
Filtran LTD
4819-01 FILTRAN-4819-01 Datasheet
82Kb / 1P
   Power Transformers Fully Enclosed
logo
List of Unclassifed Man...
48190 ETC2-48190 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
Molex Electronics Ltd.
48191-1000 MOLEX6-48191-1000 Datasheet
385Kb / 4P
   0.80mm (.031") Pitch Edge Card Connector, Vertical, SMT, 60 Circuits, 0.38um (15u") Gold (Au) Plating, Lead Free
48191-2000 MOLEX6-48191-2000 Datasheet
385Kb / 4P
   0.80mm (.031") Pitch Edge Card Connector, Vertical, SMT, 80 Circuits, 0.38關m (15關") Gold (Au) Plating, with Pegs, Lead Free
More results

Similar Description - 4819P-2-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4816P-1-221 BOURNS-4816P-1-221 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-102 BOURNS-4816P-1-102 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T02-102LF BOURNS-4816P-T02-102LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-104LF BOURNS-4816P-T01-104LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-220 BOURNS-4816P-T01-220 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-472 BOURNS-4816P-2-472 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-331 BOURNS-4816P-1-331 Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-151LF BOURNS-4816P-T01-151LF Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-472 BOURNS-4816P-1-472 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222 BOURNS-4816P-2-222 Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com