Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD-6001-P Datasheet(PDF) 2 Page - Amphenol Corporation

Part # LMD-6001-P
Description  LMD and LMS Modular Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LMD-6001-P Datasheet(HTML) 2 Page - Amphenol Corporation

  LMD-6001-P Datasheet HTML 1Page - Amphenol Corporation LMD-6001-P Datasheet HTML 2Page - Amphenol Corporation LMD-6001-P Datasheet HTML 3Page - Amphenol Corporation LMD-6001-P Datasheet HTML 4Page - Amphenol Corporation LMD-6001-P Datasheet HTML 5Page - Amphenol Corporation LMD-6001-P Datasheet HTML 6Page - Amphenol Corporation LMD-6001-P Datasheet HTML 7Page - Amphenol Corporation LMD-6001-P Datasheet HTML 8Page - Amphenol Corporation LMD-6001-P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
100
Amphenol
Aerospace
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
The LMD Connector Series was designed by Amphe-
nol Pyle-National to provide flexibility in the assembly
of wire harnesses that are used in instrumentation and
avionic control environments. The modular design of
the LMD provides rack and panel or cable to cable
attachment.
LMD Modular Connectors
Design Features of LMD Connectors
• An LMD Connector is comprised of a housing,
modules and contacts - each ordered separately,
requiring assembly
• Lightweight housings are offered in two materials
• standard black thermoplastic
• high performance composite material for EMI
shielding
• white thermoplastic nylon material with increased
solvent resistance
• Four standard modules are available with the
following contact arrangements: 1 #8, 4 #16, 9 #20,
16 #22
• Modules are available in sealed and unsealed
versions
• Linear module design may be used for rack and
panel or cable to cable applications
• Bussing modules available to allow for a plurality of
circuit network configurations without extra
hardware
• Diode modules provide a current protection system
for avionic instrumentation packages and eliminate
the need for dedicated PC boards and other
hardware
• Miniature relay modules can be added which
eliminate the need for printed circuit boards and
hardware
LMD Receptacle and Plug
LMS Tool-less Splice Connector
LMD Benefits
• Reduces assembly and production costs
• Eliminates costly PC board and associated hardware
• Reduces inventory levels and associated costs
• Allows for a variety of circuit configurations
• Permits ease of circuit upgrading
• Facilitates equipment maintenance
Supplementing the LMD connector family, Amphenol/Pyle
National offers the LMS in-line splice connector; a low cost
interconnects that incorporates the LMD modules and contacts.
• Standard LMS splice connector - 3-piece assembly with
module removal tool access
• Tool-less splice connector - 3-piece assembly with a
push-button module release for easy module removal
• Two-piece bracket available for panel mounting
• Used in wire harness, instrument and equipment
terminations and test points
LMS Modular Connectors
Temperature Rating
–55° C to +140° C (-67 ° F to + 284° F)
Insulation Resistance
(min.)
5000 megohms initial: 1000 megohms after 96
hours humidity
Durability
250 cycles (mating and unmating)
Vibration
Maximum discontinuity of one microsecond
when subjected to sinusoidal vibration of 10 to
2000 Hz at 15 gravity units
Physical Shock
Maximum discontinuity of one microsecond
when subjected to 1/2 -sine-wave transient
shock of 50 gravity units with pulse duration of
11 milliseconds
Module Insertion &
Removal Force
5 lbs. maximum
Module Retention
70 lbs. minimum
LMD Performance Characteristics
Amphenol® LMD and LMS Modular Connectors
for Rack & Panel or Cable Attachment
INTRODUCTION: FEATURES, BENEFITS, PERFORMANCE


Similar Part No. - LMD-6001-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
More results

Similar Description - LMD-6001-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
logo
LightKey Optoelectronic...
LMS-1-P7622-16URUG LIGHTKEY-LMS-1-P7622-16URUG Datasheet
107Kb / 2P
   LMS-1-P7622-16URUG
logo
Lumberg
P129 LUMBERG-P129 Datasheet
1Mb / 3P
   Modular connectors
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
   MODULAR CONNECTORS
logo
Lumberg
253301 LUMBERG-253301 Datasheet
527Kb / 3P
   Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
   Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
   Modular connectors
logo
Hirose Electric
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
   MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
   MODULAR CONNECTORS
logo
Lumberg
P126 LUMBERG-P126 Datasheet
585Kb / 4P
   Modular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com