Electronic Components Datasheet Search |
|
LMD-6001-P Datasheet(PDF) 10 Page - Amphenol Corporation |
|
LMD-6001-P Datasheet(HTML) 10 Page - Amphenol Corporation |
10 / 12 page 108 Amphenol Aerospace Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com LMD Assembly Instructions CRIMPING, INSERTION & REMOVAL OF CONTACTS Amphenol recommends the tools listed on the preceding page for use with LMD connectors, and also the following procedures for wire preparation, crimping of wire and contact insertion and removal. A Wire Preparation Strip wires to dimension “A” shown in table at right. Avoid cutting or nicking wire strands. Contact Size Wire Size Max. O. D. Insulation Stripping Length Dimension “A” 22 20-24-26-28 AWG .054 .156 – .125 20 20-22-24 AWG .083 .185 – .155 16 16-18-20 AWG .103 .260 – .230 8 (with #12 crimp) 12-14 AWG .255 .395 – .365 8 8-10 AWG .255 .395 – .365 Crimping Wire to Contacts Follow steps 1-3 for proper contact crimping. 1. Fully insert wire into contact crimp pocket. Wire must be visible through wire inspection hole. 2. Insert contact into tool (use proper crimping tool as listed on preceding page). Crimp contact to wire. Tool will not open if contact is not fully crimped. 3. After crimping, wire should be visible through wire inspection hole. Using proper insertion/removal tool as listed on previous page, slip wire into insertion end (colored end), placing crimp end of contact inside the slotted portion and contact shoulder against end of tool. Contact Insertion Align contact with the cavity at the rear face of the module. Carefully push the contact into the full depth of the cavity. Withdraw tool. A slight axial pull on the wire will confirm contact is locked in proper position. Snap the extraction end (white end) of the tool over the wire of the contact selected for removal. Carefully push the tool into the full depth of the contact cavity releasing the contact retaining collet. Hold the wire against the serra- tions on the tool, and withdraw the tool and the wired contact from the module. Contact Removal |
Similar Part No. - LMD-6001-P |
|
Similar Description - LMD-6001-P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |