Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6401 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6401
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6401 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6401 Datasheet HTML 1Page - ON Semiconductor 2N6401 Datasheet HTML 2Page - ON Semiconductor 2N6401 Datasheet HTML 3Page - ON Semiconductor 2N6401 Datasheet HTML 4Page - ON Semiconductor 2N6401 Datasheet HTML 5Page - ON Semiconductor 2N6401 Datasheet HTML 6Page - ON Semiconductor 2N6401 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N6400 Series
http://onsemi.com
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)
6.0
120
100
112
128
60
°
α = 30°
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
Figure 1. Average Current Derating
IT(AV), AVERAGE ON‐STATE FORWARD CURRENT (AMPS)
α
90
°
12
0
4.0
8.0
TJ ≈ 125°C
Figure 2. Maximum On−State Power Dissipation
IT(AV), AVERAGE ON‐STATE FORWARD CURRENT (AMPS)
7.0
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
α
4.0
5.0
7.0
180
°
dc
10
2.0
6.0
14
16
4.0
5.0
6.0
60
°
α = 30°
90
°
180
°
dc
124
104
108
116
10
9.0
120
°
9.0
10
120
°


Similar Part No. - 2N6401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
2N6401 ONSEMI-2N6401 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
New Jersey Semi-Conduct...
2N6401 NJSEMI-2N6401 Datasheet
150Kb / 1P
   SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6401 DIGITRON-2N6401 Datasheet
264Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
Kersemi Electronic Co.,...
2N6401 KERSEMI-2N6401 Datasheet
425Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - 2N6401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
MCR8N ONSEMI-MCR8N Datasheet
55Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR25 ONSEMI-MCR25_05 Datasheet
93Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR12DG ONSEMI-MCR12DG Datasheet
105Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2012 ??Rev. 5
logo
Digitron Semiconductors
2N6504 DIGITRON-2N6504 Datasheet
212Kb / 4P
   SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR8DCM ONSEMI-MCR8DCM Datasheet
60Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR12DCM ONSEMI-MCR12DCM Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR68 ONSEMI-MCR68_05 Datasheet
58Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com