Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3263430 Datasheet(PDF) 10 Page - Amphenol Corporation

Part # T3263430
Description  Amphenol-Tuchel Electronics GmbH
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3263430 Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button T3263430 Datasheet HTML 6Page - Amphenol Corporation T3263430 Datasheet HTML 7Page - Amphenol Corporation T3263430 Datasheet HTML 8Page - Amphenol Corporation T3263430 Datasheet HTML 9Page - Amphenol Corporation T3263430 Datasheet HTML 10Page - Amphenol Corporation T3263430 Datasheet HTML 11Page - Amphenol Corporation T3263430 Datasheet HTML 12Page - Amphenol Corporation T3263430 Datasheet HTML 13Page - Amphenol Corporation T3263430 Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
Amphenol
Description
Drawing
No. of
cont.
Part Number solder termination
Contact plating
silver
Contact plating
gold 2)
Part Number
Crimp termination
1)
Female cable connector,
right-angled,
for cable diameter 4-6 mm,
termination: solder or crimp,
contact plating: silver or gold.
2
3 3)
4 3)
5
5 S 3)
6 3)
7
7 3)
8 3)
12
14
T 3201 005
T 3261 005
T 3301 005
T 3361 005
T 3357 005
T 3401 005
T 3476 005
T 3485 005
T 3505 005
T 3636 005
T 3651 005
T 3261 058 4)
T 3301 058 4)
T 3361 058 4)
T 3357 058
T 3401 058
T 3476 058 4)
T 3485 058 4)
T 3505 058 4)
T 3636 058
T 3651 058 4)
T 3261 055
T 3301 055
T 3361 055
T 3357 055
T 3401 055
T 3476 055
T 3485 055
T 3505 055
1)
Please order crimp contacts separately, see page 43
2)
See remark page 6
3)
Contact order for DIN EN 60 130-9
4)
Available upon request.
Assembly instructions
6)
female cable connector, cable diameter 4-6 mm
Assembly instructions
6)
female cable connector, cable diameter 4-6 mm or 6-8 mm
(DIA.670)
17
64
(2.520)
5)
Solder version only
6)
Assembly instructions please refer to page 46, conneting instructions
Assembly instructions 6)
female cable connector, right-angled, can be keyed to 8 angle positions
2,5
20
tightening torque 0,3Nm
tightening torque 0,4Nm
2,5
20
5
fold back shielding
2,5
20
tightening torque 1Nm
tightening torque 0,3Nm
tightening torque 0,4Nm
2,5
20
5
fold back shielding
2,5
32
2,5
32
fold back
shielding
tightening torque 0,4Nm
5)
Female cable connector,
screw locking,
right-angled
C 091 A


Similar Part No. - T3263430

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T326000 E-SWITCH-T326000 Datasheet
37Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T326003 E-SWITCH-T326003 Datasheet
64Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T326004 E-SWITCH-T326004 Datasheet
68Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T326005 E-SWITCH-T326005 Datasheet
236Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T326006 E-SWITCH-T326006 Datasheet
183Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T3263430

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T3638-004 AMPHENOL-T3638-004 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
C11213D00400007 AMPHENOL-C11213D00400007 Datasheet
1Mb / 36P
   amphemol-tuchel electronics gmbh
logo
eupec GmbH
FS300R12KF4 EUPEC-FS300R12KF4 Datasheet
127Kb / 3P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
List of Unclassifed Man...
DD171N ETC-DD171N Datasheet
175Kb / 4P
   European Power- Semiconductor and Electronics Company GmbH Co. KG
logo
Amphenol Corporation
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
   Amphenol Corporation Amphenol Taiwan Corporation
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com