Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08B1-1X1T-06-F Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 08B1-1X1T-06-F
Description  ELECTRICAL CHRACTERISTICS 25C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

08B1-1X1T-06-F Datasheet(HTML) 3 Page - Bel Fuse Inc.

  08B1-1X1T-06-F Datasheet HTML 1Page - Bel Fuse Inc. 08B1-1X1T-06-F Datasheet HTML 2Page - Bel Fuse Inc. 08B1-1X1T-06-F Datasheet HTML 3Page - Bel Fuse Inc. 08B1-1X1T-06-F Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 08B1-1X1T-06-F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
08B0-1X1T-03-F BEL-08B0-1X1T-03-F Datasheet
294Kb / 4P
   ELECTRICAL CHARACTERISTICS 25C
08B0-1X1T-06-F BEL-08B0-1X1T-06-F Datasheet
353Kb / 4P
   ELECTRICAL CHARACTERISTICS 25C
08B0-1X1T-36-F BEL-08B0-1X1T-36-F Datasheet
377Kb / 4P
   ELECTRICAL CHARACTERISTICS 25C
More results

Similar Description - 08B1-1X1T-06-F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0826-1X1T-GH-F BEL-0826-1X1T-GH-F Datasheet
391Kb / 4P
   electrical characteristics 25c
08B0-1X1T-03-F BEL-08B0-1X1T-03-F Datasheet
294Kb / 4P
   ELECTRICAL CHARACTERISTICS 25C
08B0-1X1T-36-F BEL-08B0-1X1T-36-F Datasheet
377Kb / 4P
   ELECTRICAL CHARACTERISTICS 25C
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
41Kb / 1P
   Electrical Specifications (25C)
logo
Bel Fuse Inc.
08B0-1X1T-06-F BEL-08B0-1X1T-06-F Datasheet
353Kb / 4P
   ELECTRICAL CHARACTERISTICS 25C
logo
FCI connector
100UR05 FCI-CONNECTOR-100UR05 Datasheet
202Kb / 1P
   Electrical characteristics at Tj=25C max. unless stated otherwise
logo
List of Unclassifed Man...
PT103G2 ETC2-PT103G2 Datasheet
65Kb / 1P
   RESISTANCE 25C=10000 NOMINAL
logo
Inchange Semiconductor ...
2SK538 ISC-2SK538 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1700 ISC-2SK1700 Datasheet
63Kb / 2P
   Drain Current ?밒D= 5A@ TC=25C
2SK1570 ISC-2SK1570 Datasheet
67Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com