Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-79Q2EKZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-79Q2EKZ
Description  40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-79Q2EKZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-79Q2EKZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• Compliant to the 40GBASE-SR4 and XLPPI Specification
per IEEE 802.3ba-2010 and supporting 40G-IB-QDR /
20G-IB-DDR / 10G-IB-SDR applications
• Compliant to the industry standard SFF-8436 QSFP+
Specification Revision 3.5
• Power Level 1: Max Power <1.5W
• High port density: 21mm horizontal port pitch
• Operate at 10.3125 Gbps per channel with 64b/66b
encoded data for 40GbE application and at 10 Gbps
with 8b/10b compatible encoded data for 40G-IB-QDR
application
• Links up to 100m using OM3 fiber and 150m using
OM4 fiber
• Supports optical interoperability with 10GBASE-
SR modules per IEEE 802.3ae standard provided the
receiver overload of 10G modules sustains up to 2.4
dBm input optical power
• 0 to 70°C case temperature operating range
• Proven High Reliability 850 nm technology: Avago
VCSEL array transmitter and Avago PIN array receiver
• Hot pluggable transceiver for servicing and ease of
installation
• Two Wire Serial (TWS) interface with maskable
interrupts for expanded functionality
• Utilizes a standard 12/8 lane optical fiber with MTP
(MPO) optical connector for high density and thin,
light-weight cable management
Description
The Avago Technologies AFBR-79EQDZ is a Four-Channel,
Pluggable, Parallel, Fiber-Optic QSFP+ Transceiver for 40
Gigabit Ethernet (40GbE) application. This transceiver is
a high performance module for short-range multi-lane
data communication and interconnect applications. It
integrates four data lanes in each direction with 40 Gbps
aggregate bandwidth. Each lane can operate at 10.3125
Gbps up to 100 m using OM3 fiber or 150 m using OM4
fiber. These modules supports 4 x 10G InfiniBand (IB)
quadruple data rate (40G-IB-QDR) application and is back-
ward compatible to the 4 x 5G IB dual data rate (20G-IB-
DDR) and 4 x 2.5G IB single data rate (10G-IB-SDR) applica-
tions as well.
These modules are designed to operate over multimode
fiber systems using a nominal wavelength of 850nm. The
electrical interface uses a 38 contact edge type connec-
tor. The optical interface uses an 8 or 12 fiber MTP(MPO)
connector. This module incorporates Avago Technolo-
gies proven integrated circuit and VCSEL technology to
provide reliable long life, high performance, and consis-
tent service.
Applications
• 40GbE and 40G-IB-QDR / 20G-IB-DDR / 10G-IB-SDR
interconnects
• Datacom/Telecom switch & router connections
• Data aggregation and backplane applications
• Proprietary protocol and density applications
Part Number Ordering Options
AFBR-79EQDZ
40GbE and 40G-IB-QDR/20G-IB-DDR/10G-
IB-SDR with full real-time digital diagnos-
tic monitoring
AFBR-79Q4EKZ*
Evaluation Board
AFBR-79Q2EKZ** Evaluation Kit
* Includes GUI and User Guide
** Includes GUI, User Guide, i-Port and Power Supply
AFBR-79EQDZ
40 Gigabit Ethernet & InfiniBand QSFP+ Pluggable,
Parallel Fiber-Optics Module
Data Sheet
AFBR-79EQDZ
Patent - www.avagotech.com/patents


Similar Part No. - AFBR-79Q2EKZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
644Kb / 19P
   QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
767Kb / 21P
   Ethernet Applications
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q2EKZ BOARDCOM-AFBR-79Q2EKZ Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
More results

Similar Description - AFBR-79Q2EKZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQPZ AVAGO-AFBR-79EQPZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EIDZ AVAGO-AFBR-79EIDZ Datasheet
644Kb / 19P
   QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
AFBR-89CDDZ AVAGO-AFBR-89CDDZ Datasheet
86Kb / 1P
   QSFP28 Pluggable, Parallel Fiber-Optics Module 100 Gigabit Ethernet Applications
AFBR-79EBPZ AVAGO-AFBR-79EBPZ Datasheet
742Kb / 19P
   40 Gigabit Ethernet Fiber-Optics Transceiver
AFBR-83CDZ AVAGO-AFBR-83CDZ Datasheet
859Kb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-775BZ AVAGO-AFBR-775BZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com