Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-79Q2EKZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-79Q2EKZ
Description  40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-79Q2EKZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-79Q2EKZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-79Q2EKZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Transmitter Optical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40°C, Vcc = 3.3 V
Parameter
(From Table 86-6 of IEEE 802.3ba)
Test Point*
Min
Typ
Max
Units Notes/Conditions
Center wavelength
TP2
840
850
860
nm
RMS spectral width
TP2
0.65
nm
RMS Spectral Width is the stan-
dard deviation of the spectrum
Average launch power, each lane
TP2
-7.6
2.4
dBm
Optical Modulation Amplitude
(OMA) each lane
TP2
-5.6
3
dBm
Even if the TDP<0.9 dB, the OMA
minimum must exceed -5.6 dBm
Difference in launch power
between any two lanes (OMA)
TP2
4
dB
Peak power, each lane
TP2
4
dBm
Launch power in OMA minus TDP,
each lane
TP2
-6.5
dBm
Transmitter and dispersion
penalty (TDP), each lane
TP2
3.5
dB
Extinction ratio
TP2
3
dB
Optical return loss tolerance
TP2
12
dB
Encircled flux
TP2
≥ 86% at 19 μm,
≤ 30% at 4.5 μm
If measured into type A1a.2
50
μm fiber in accordance
with EN 61280-1-4
Eye Mask coordinates:
X1, X2, X3, Y1, Y2, Y3
TP2
SPECIFICATION VALUES
0.23, 0.34, 0.43, 0.27, 0.35, 0.4
UI
Hit Ratio = 5x10-5
Average launch power of OFF
transmitter, each lane
TP2
-30
dBm
* See Figure 6 for Test Point definitions.
Figure 5. Transmitter eye mask definitions at Hit ratio 5 x 10-5 hits per sample
1-Y2
Y2
0.5
1-Y1
Y1
1+Y3
-Y3
Normalized Time [UI]
0
X1
X2
1-X2
1-X1
1.0
X3 1-X3
1
0
X1 = 0.23
X2 = 0.34
X3 = 0.43
Y1 = 0.27
Y2 = 0.35
Y3 = 0.40


Similar Part No. - AFBR-79Q2EKZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
644Kb / 19P
   QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
767Kb / 21P
   Ethernet Applications
AFBR-79Q2EKZ AVAGO-AFBR-79Q2EKZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q2EKZ BOARDCOM-AFBR-79Q2EKZ Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
More results

Similar Description - AFBR-79Q2EKZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQPZ AVAGO-AFBR-79EQPZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EIDZ AVAGO-AFBR-79EIDZ Datasheet
644Kb / 19P
   QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
AFBR-89CDDZ AVAGO-AFBR-89CDDZ Datasheet
86Kb / 1P
   QSFP28 Pluggable, Parallel Fiber-Optics Module 100 Gigabit Ethernet Applications
AFBR-79EBPZ AVAGO-AFBR-79EBPZ Datasheet
742Kb / 19P
   40 Gigabit Ethernet Fiber-Optics Transceiver
AFBR-83CDZ AVAGO-AFBR-83CDZ Datasheet
859Kb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-775BZ AVAGO-AFBR-775BZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com