Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-59E4APZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-59E4APZ
Description  Multimode Small Form Factor (SFF) Transceiver for Fast Ethernet with LC connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-59E4APZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-59E4APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Application Information
The Applications Engineering group is available to
assist you with the technical understanding and design
trade-offs associated with these transceivers. You can
contact them through your Avago sales representative.
The following information is provided to answer some
of the most common questions about the use of these
parts.
Transceiver Optical Power Budget versus Link Length
Optical Power Budget (OPB) is the available optical
power for a fiber optic link to accommodate fiber cable
losses plus losses due to in-line connectors, splices,
optical switches, and to provide margin for link aging
and unplanned losses due to cable plant reconfigura-
tion or repair.
Avago LED technology has produced 1300 nm LED
devices with lower aging characteristics than normally
associated with these technologies in the industry.
The industry convention is 1.5 dB aging for 1300 nm
LEDs. The 1300 nm Avago LEDs are specified to expe-
rience less than 1 dB of aging over normal commercial
equipment mission life periods. Contact your Avago
sales representative for additional details.
Recommended Handing Precautions
Avago recommends that normal status precautions be
taken in the handling and assembly of these transceiv-
ers to prevent damage, which may be induced by elec-
trostatic discharge (ESD). The AFBR-59E4APZ transceiv-
er meets Jedec JESD22-A114 Class 2 products.
Care should be used to avoid shorting the receiver data
or signal detect outputs directly to ground without
proper current limiting impedance.
Solder and Wash Process Compatibility
The transceivers are delivered with protective process
plugs inserted into the LC receptacle.
This process plug protects the optical subassemblies
during wave solder and aqueous wash processing, and
acts as a dust cover during shipping.
These transceivers are compatible with either industry
standard wave or hand solder processes.
Shipping Container
The transceiver is packaged in a shipping container
designed to protect it from mechanical and ESD
damage during shipment of storage.
Board Layout - Decoupling Circuit, Ground Planes and
Termination Circuits
To achieve optimum performance from these trans-
ceivers, do take care in the layout of your circuit board.
Figure 2 provides a schematic for a recommended ter-
mination circuit that works well with these parts, It
is further recommended that a contiguous ground
plane be provided in the circuit board directly under
the transceiver to provide a low-inductance ground
for signal return current. This recommendation is
in keeping with good high frequency board layout
practices.
Figure 3 shows a recommended power
supply filter.
Board Layout - Hole Pattern
The Avago transceiver complies with the circuit board
“Common Transceiver Footprint” hole pattern defined
in the original multisource announcement that defined
the 2 x 5 package style. This drawing is reproduced in
Figure 5 with the addition of ANSI Y14.5M compliant
dimensioning to be used as a guide in the mechani-
cal layout of your circuit board. Figure 5 illustrates the
recommended panel opening and the position of the
circuit board with respect to this panel.
Regulatory Compliance
These transceiver products are intended to enable
commercial system designers to develop equipment
that complies with the various international regula-
tions governing certification of Information Technology
Equipment. See the Regulatory Compliance Table for
details. Additional information is available from your
Avago sales representative.


Similar Part No. - AFBR-59E4APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59E4APZ-HT AVAGO-AFBR-59E4APZ-HT Datasheet
496Kb / 11P
   Wave solder and aqueous wash process compatibility
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
AFBR-59E4APZC BOARDCOM-AFBR-59E4APZC Datasheet
860Kb / 11P
   Multimode Small-Form Factor (SFF) Transceiver for Fast Ethernet, with LC Connector and Conformal Coating
More results

Similar Description - AFBR-59E4APZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
AFBR-59E4APZC BOARDCOM-AFBR-59E4APZC Datasheet
860Kb / 11P
   Multimode Small-Form Factor (SFF) Transceiver for Fast Ethernet, with LC Connector and Conformal Coating
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Broadcom Corporation.
AFBR-57E6APZC BOARDCOM-AFBR-57E6APZC Datasheet
787Kb / 21P
   Multimode Small Form Factor Pluggable Transceivers with LC Connector and Conformal Coating, DMI for FDDI and Fast Ethernet
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
logo
Infineon Technologies A...
V23818-H308-L57 INFINEON-V23818-H308-L57 Datasheet
365Kb / 14P
   Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC??Connector
2002-03-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com