Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4824YQD-20W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB4824YQD-20W
Description  20W,WIDEINPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB4824YQD-20W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB4824YQD-20W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB4824YQD-20W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB4824YQD-20W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-YQD-20&
WRA-YQD-20&
WRA-YQD-20&
WRA-YQD-20&
WRA-YQD-20&
WRA-YQD-20&
WRA-YQD-20&
WRA-YQD-20&WRB-YQD-
WRB-YQD-
WRB-YQD-
WRB-YQD-
WRB-YQD-
WRB-YQD-
WRB-YQD-
WRB-YQD-2
2
2
2
2
2
2
20W
0W
0W
0W
0W
0W
0W
0W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
MICRODC RESERVES THE COPYRIGHT
2
2
2
20
0
0
0W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/
DUAL/
DUAL/
DUAL/SINGLE
SINGLE
SINGLE
SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Wide 2:1 DC input range
In/out capacitance1000pF
Protections : Short circuit / Overload / Over voltage
1500VDC I/O isolation for D/D
Cooling by free air convection
Built-in remote ON-OFF control
100% full load burn-in test
Fixed switching frequency at 225KHz
Lost cost
MTBF>1000Khours
High reliability
3 year warranty
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB
24
24
24
24
24
24
24
24
12
12
12
12
12
12
12
12
Y
Y
Y
Y
Y
Y
Y
Y
Q
Q
Q
Q
Q
Q
Q
QD
D
D
D
D
D
D
D
--------2
2
2
2
2
2
2
20W
0W
0W
0W
0W
0W
0W
0W((((((((1667
1667
1667
1667
1667
1667
1667
1667))))))))
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤2"×2"DIP Package Style
⑥Rated Power(Output current)
The WRA(B)-YQD-20W Series of DC/DC
converters has been designed for a wide range of
applications including communications, industrial
systems and battery powered mobile equipments.
Key features are high power density and 2:1 wide
input ranges of 18~36 VDC and 36~72 VDC.(But
also can do high power density and 4:1 ultrawide
input ranges of 9~36 VDC and 18~72 VDC.)
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
Order code
Input voltage range
(VDC)
Output voltage
(VDC)
Output current
max.(mA)
Efficiency typ.(%)
WRA1205YQD-20W
9~18
±5
±2000
78
WRA1212YQD-20W
9~18
±12
±833
82
WRA1215YQD-20W
9~18
±15
±667
80
WRA1224YQD-20W
9~18
±24
±417
83
WRA2405YQD-20W
18~36
±5
±2000
79
WRA2412YQD-20W
18~36
±12
±833
82
WRA2415YQD-20W
18~36
±15
±667
83
WRA2424YQD-20W
18~36
±24
±417
78
WRA4805YQD-20W
36~72
±5
±2000
80
WRA4812YQD-20W
36~72
±12
±833
84
WRA4815YQD-20W
36~72
±15
±667
85
WRA4824YQD-20W
36~72
±24
±417
78
WRB1205YQD-20W
9~18
5
4000
79
WRB1212YQD-20W
9~18
12
1667
80
WRB1215YQD-20W
9~18
15
1333
80
WRB1224YQD-20W
9~18
24
833
78
WRB2405YQD-20W
18~36
5
4000
82
WRB2412YQD-20W
18~36
12
1667
82
WRB2415YQD-20W
18~36
15
1333
83
WRB2424YQD-20W
18~36
24
833
78
WRB4805YQD-20W
36~72
5
4000
80
WRB4812YQD-20W
36~72
12
1667
84
WRB4815YQD-20W
36~72
15
1333
85
WRB4824YQD-20W
36~72
24
833
79
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
OUTPUT
Ripple&Noise(max.)
(Note.2)
100mVp-p
Line Regulation
(Note.3)
±0.5%
Load Regulation
(Note.4)
±0.5%
PROTECTION
Overload
Above 105% rated output power
Protection type : Over power limiting, recovers automatically after fault
condition is removed
Over Voltage
XX03 :3.8~4.95V
XX05 :5.75 ~ 7.5V
XX12:13.8 ~ 18V
XX15:17.25 ~ 22.5V
Protection type : Shut off o/p voltage, clamping by zener diode
Short Circuit
Protection type : Constant current limiting, recovers automatically after
fault condition is removed
FUNCTION
ON/OFF Control
Logic "1" or open: power on
Logic "0" short to Vin-: power off
ENVIRONMENT
Working Temp.
-25~+85℃ (Refer to output load derating curve)
Storage Temp.,Humidity
-25~+85℃, 0~95% RH
Temp. Coefficient
±0.03%/ ℃(0~50℃)
SAFETY&EMC
(Note 5)
Safety Standards
Design refer to LVD
Isolation Voltage
I/P-O/P:1.5KVDC
Isolation Resistance
I/P-O/P:100M Ohms/500VDC
OTHERS
MTBF
322.4K hrs min.
MIL-HDBK-217F (25℃)
Dimension
50.8×50.8×16mm (2"×2"×0.63") (L×W×H)
Packing
110g;150pcs/15.8Kg/0.97CUFT
NOTE
1. All parameters are specified at normal input, rated load, 2570% RH ambient.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted
pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100%rated load
5. Please prevent the converter from operating in overload or short circuit condition for
more than 30 seconds.


Similar Part No. - WRB4824YQD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB4824YQD-40W MICRODC-WRB4824YQD-40W Datasheet
1Mb / 3P
   30W~40W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB4824YQD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-20W MICRODC-WRA-ZMD-20W Datasheet
501Kb / 3P
   20W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRB-YQD-30W MICRODC-WRB-YQD-30W Datasheet
599Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDSINGLEOUTPUTDC-DCCONVERTER
WRA-YLS-3W MICRODC-WRA-YLS-3W Datasheet
683Kb / 4P
   WIDEINPUT,ISOLATED®ULATEDDualOutput SIPDC/DCConverter
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com