Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2405YD-20W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRB2405YD-20W
Description  20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2405YD-20W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRB2405YD-20W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2405YD-20W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2405YD-20W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WR
WRA-
A-YD-
YD-2
20W
0W&
&WRB
WRB--YD-
YD-2
20W
0W Series(2.16)
Series(2.16)
3
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
Top view grid:2.54mm(0.1inch)
Diameter:1.50mm(0.059inch)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Single
Dual
1
Vin
Vin
2
GND
GND
3
CTRL
CTRL
4
Trim
Trim
5
-Vo
-Vo
6
+Vo
Common
7
No Pin
+Vo
Note: The CTRL control pin voltage is referenced to GND
Note:
1. The CTRL control pin voltage is referenced to GND.
2. Typical efficiency value at nominal input voltage and full load.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this data sheet, all the test methods of indications are based on corporate standards.
5. Capacitor MAX load tested at nominal input voltage and constant resistive load.
When the environment temperature is higher than 71℃, the
product output power should be less then 60% of the rated
power.
No parallel connection or plug and play.
Use dual output simultaneously,forbid pening output pin (0V)
to use as single output.
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
Note:
Unit:mm(inch)
Pin diameter:1.00mm(0.039inch)
Pin diameter tolerances:±0.05mm(±0.002inch)
General tolerances:±0.25mm(±0.010inch)
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:±0.250mm[±0.010inch]


Similar Part No. - WRB2405YD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2405YD-2W MICRODC-WRB2405YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB2405YD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
URA2405YMD-20WR3 MORNSUN-URA2405YMD-20WR3 Datasheet
1Mb / 5P
   20W, Ultra wide input isolated & regulated dual output , DIP packaging, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
   15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
   10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com