Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA1203YD-20W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA1203YD-20W
Description  20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA1203YD-20W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA1203YD-20W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA1203YD-20W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA1203YD-20W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WR
WRA-
A-YD-
YD-2
20W
0W&
&WRB
WRB--YD-
YD-2
20W
0W Series(2.16)
Series(2.16)
1
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
MICRODC R ESERVES THE COPYRIGHT
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%.Typ.)
Capacitance
(max,UF.)
Voltage(VDC)
Voltage
(VDC)
Current
(mA,Typ).
Nominal
Range
WRA1203YD-20W
12
9-18
±
3.3
±2000
85
19000
WRA1205YD-20W
12
9-18
±
5
±2000
88
10300
WRA1212YD-20W
12
9-18
±
12
±833
83
3340
WRA1215YD-20W
12
9-18
±
15
±667
82
1100
WRA1224YD-20W
12
9-18
±
24
±417
81
900
WRA2403YD-20W
24
18-36
±
3.3
±2000
81
19500
WRA2405YD-20W
24
18-36
±
5
±2000
88
10200
WRA2412YD-20W
24
18-36
±
12
±833
81
3300
WRA2415YD-20W
24
18-36
±
15
±667
83
1100
WRA2424YD-20W
24
18-36
±
24
±417
85
900
WRA4803YD-20W
48
36-75
±
3.3
±2000
83
19500
WRA4805YD-20W
48
36-75
±
5
±2000
81
10200
WRA4812YD-20W
48
36-75
±
12
±833
81
3300
WRA4815YD-20W
48
36-75
±
15
±667
84
1100
WRA4824YD-20W
48
36-75
±
24
±417
81
900
WRB1203YD-20W
12
9-18
3.3
4000
85
19000
WRB1205YD-20W
12
9-18
5
4000
88
10300
WRB1212YD-20W
12
9-18
12
1667
83
3340
WRB1215YD-20W
12
9-18
15
1334
82
1100
WRB1224YD-20W
12
9-18
24
834
81
900
WRB2403YD-20W
24
18-36
3.3
4000
81
19500
WRB2405YD-20W
24
18-36
5
4000
88
10200
WRB2412YD-20W
24
18-36
12
1667
81
3300
WRB2415YD-20W
24
18-36
15
1334
83
1100
WRB2424YD-20W
24
18-36
24
834
85
900
WRB4803YD-20W
48
36-75
3.3
4000
83
19500
WRB4805YD-20W
48
36-75
5
4000
81
10200
WRB4812YD-20W
48
36-75
12
1667
81
3300
WRB4815YD-20W
48
36-75
15
1334
84
1100
WRB4824YD-20W
48
36-75
24
834
81
900
MODEL
MODEL SELECTION
SELECTION
WRB
WRB
24
24
15
15
Y
Y
D
D
--20W
20W
(2.16)
(2.16)
Product Series ②Input Voltage
Output Voltage ④Wide (2:1) Input Range
DIP Package Style ⑥Rated Power
Product size(L×W):50.8×40.6mm(2×1.6inch)
20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
FEATURES
FEATURES
Wide (2:1) Input Range
Short Circuit Protection(automatic recovery)
1500VDC Isolation
Operating Temperature: -40℃~﹢85℃
Six sided metal shielding
Over Voltage protection
Internal SMD construction
RoHS/CE Compliance
Industry Standard Pin Out
MTBF>1000Khours
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
5
95
%
Operating temperature
-40
85
Storage temperature
-55
105
Lead temperature
1.5mm from case for 10 seconds
300
Case material
Steel,nickel coated, copper
Isolation voltage
Tested for1 minute and 1mA max
1500
VDC
Isolation resistance
1000
Isolation Capacitance
100KHz/1V
1000
pF
MTBF
1000
K hours
Weight
45
g
APPLICATIONS
APPLICATIONS
The WR-YD-20W(2.16) Series are specially
designed for applications where a wide range
input voltage power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1)Where the voltage of the input power
supply is wide range (Voltage range≤2:1);
2)Where isolation is necessary between
input and output (Isolation voltage≤1500VDC);
3)Where the regulation of the Output voltage
and the output ripple noise are demanded.
INPUT
INPUT SPECIFICATIONS
SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Start up time
20
MS
Input filter
Pi
Method of Remote
(Reference point:GND)
On
2.5-30VDC or open circuit
Off
0-1.2VDC


Similar Part No. - WRA1203YD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA1203YD-500 MICRODC-WRA1203YD-500 Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA1203YD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
URA2405YMD-20WR3 MORNSUN-URA2405YMD-20WR3 Datasheet
1Mb / 5P
   20W, Ultra wide input isolated & regulated dual output , DIP packaging, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
   15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
   10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com