Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNR35J5RJ105 Datasheet(PDF) 4 Page - Rohm

Part # MNR35J5RJ105
Description  Chip Resistor Networks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR35J5RJ105 Datasheet(HTML) 4 Page - Rohm

  MNR35J5RJ105 Datasheet HTML 1Page - Rohm MNR35J5RJ105 Datasheet HTML 2Page - Rohm MNR35J5RJ105 Datasheet HTML 3Page - Rohm MNR35J5RJ105 Datasheet HTML 4Page - Rohm MNR35J5RJ105 Datasheet HTML 5Page - Rohm MNR35J5RJ105 Datasheet HTML 6Page - Rohm MNR35J5RJ105 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.B
Data Sheet
MNR series < Automotive >
± (2.0%+0.1Ω)
Max. 50m
Ω
± (1.0%+0.05Ω)
± (1.0%+0.1Ω)※MNR35
± (3.0%+0.1Ω)
Max. 50m
Ω
Max. 100m
Ω
20
°C
Compliance Standard(s) : IEC60115
−8
JISC 5201
−8
Measurement :
+20 / −55 / +20 / +125°C
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.1Ω)※MNR35
± (1.0%+0.1Ω)※MNR35
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
Max. 100m
Ω
Max. 100m
Ω
Max. 50m
Ω
Max. 50m
Ω
Max. 50m
Ω
Rosin·Ethanol : 25% (weight)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s
Rated voltage (current)
×2.5, 2s.
Maximum overload voltage
Resistor Type
Jumper Type
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
Test Items
Guaranteed Value
Test Conditions
See "Products List"
See "Products List"
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s
Test temp. :
−55°C to +125°C 5cycle
40
°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
70
°C
Rated voltage (current)
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
125
°C (MNR15 / 18 / 32 / 34 / 35)
155
°C (MNR02 / 04 / 12 / 14)
Test time : 1,000h to 1,048h
23
±5°C, Immersion cleaning, 5±0.5min
Solvent : 2
−propanol
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
No remarkable abnormality on the appearance.
Without mechanical damage such as breaks.
Derating Curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
MNR02 / 04 / 12 / 14
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Characteristics
Chip weight (typical value)
MNR02
M0AP
MNR04
M0AP
MNR12
E0AP
MNR14
E0AP
MNR15
E0RP
MNR18
E0AP
MNR32
J0AB
MNR34
J5AB
MNR35
J5R
mg/pc
1.04
2.22
4.04
7.55
7.41
8.90
15.9
31.2
38.4
Parameter
Unit
Weight
MNR15 / 18 / 32 / 34 / 35
0
20
40
60
80
100
−55
0
70
100
125
AMBIENT TEMPERATURE (
°C)


Similar Part No. - MNR35J5RJ105

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR35J5RJ ROHM-MNR35J5RJ Datasheet
97Kb / 5P
   Chip resistor networks
MNR35J5RJ ROHM-MNR35J5RJ Datasheet
87Kb / 4P
   Compact 8-element Chip Resistor Networks
More results

Similar Description - MNR35J5RJ105

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
   Chip Resistor Networks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com