Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F1517 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F1517
Description  PIC16(L)F1516/1517/1518/1519 Family
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1517 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F1517 Datasheet HTML 1Page - Microchip Technology PIC16F1517 Datasheet HTML 2Page - Microchip Technology PIC16F1517 Datasheet HTML 3Page - Microchip Technology PIC16F1517 Datasheet HTML 4Page - Microchip Technology PIC16F1517 Datasheet HTML 5Page - Microchip Technology PIC16F1517 Datasheet HTML 6Page - Microchip Technology PIC16F1517 Datasheet HTML 7Page - Microchip Technology PIC16F1517 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 2010-2012 Microchip Technology Inc.
DS80518E-page 3
PIC16(L)F1516/1517/1518/1519
Silicon Errata Issues
1. Module: High-Frequency Internal
Oscillator (HFINTOSC)
1.1 Internal Oscillator min. VDD
The High-Frequency Internal Oscillator requires a
minimum voltage of 2.3V to operate.
Work around
None.
Affected Silicon Revisions
1.2 HFINTOSC Max. VDD at -40°C
For the LF devices only, the High-Frequency
Internal Oscillator may stop working at -40°C when
VDD is 3.6V.
Work around
None.
Affected Silicon Revisions
2. Module: FVR
2.1 FVR Ready Bit (FVRRDY)
After the FVR is stabilized, the FVR Ready bit may
not be set when the temperature is -40°C and VDD
= 1.8V.
Work around
Operate above -30°C or with VDD >2.0V.
Affected Silicon Revisions
3. Module: Oscillator
3.1 OSCSTAT bits: HFIOFR and HFIOFS
When HFINTOSC is selected, the HFIOFR and
HFIOFS bits will become set when the oscillator
becomes ready and stable. Once these bits are
set,
they
become
“stuck”,
indicating
that
HFINTOSC is always ready and stable. If the
HFINTOSC is disabled, the bits fail to be cleared.
Work around
None.
Affected Silicon Revisions
3.2 Clock Switching
When switching clock sources between INTOSC
clock source and an external clock source, one
corrupted instruction may be executed after the
switch occurs.
This issue affects Two-Speed Start-up and Fail-
Safe Clock Monitor operation.
Work around
When switching from an external oscillator clock
source, first switch to 16 MHz HFINTOSC. Once
running at 16 MHz HFINTOSC, configure IRCF to
run at desired internal oscillator frequency.
When switching from an internal oscillator
(INTOSC) to an external oscillator clock source,
first switch to HFINTOSC High-Power mode (8
MHz or 16 MHz). Once running from HFINTOSC,
switch to the external oscillator clock source.
Affected Silicon Revisions
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated by the shaded column in
the following tables apply to the current
silicon revision (A6).
A2
A3
A4
A6
X
A2
A3
A4
A6
X
A2
A3
A4
A6
X
A2
A3
A4
A6
XX
X
A2
A3
A4
A6
XX
X


Similar Part No. - PIC16F1517

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1517 MICROCHIP-PIC16F1517 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1517 MICROCHIP-PIC16F1517 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1517 MICROCHIP-PIC16F1517 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1517T-EMVQTP MICROCHIP-PIC16F1517T-EMVQTP Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1517T-EMVQTP MICROCHIP-PIC16F1517T-EMVQTP Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results

Similar Description - PIC16F1517

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF145X MICROCHIP-PIC16LF145X Datasheet
495Kb / 38P
   PIC16(L)F145X Memory Programming Specification
11/29/11 2011-2012
logo
Cree, Inc
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
logo
Cypress Semiconductor
S25FL064L CYPRESS-S25FL064L Datasheet
1Mb / 151P
   The Cypress FL-L Family devices are Flash Non-volatile Memory products using
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com