Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU60C3WDPP-M0T2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJU60C3WDPP-M0T2
Description  600V - 60A - Dual Diode Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU60C3WDPP-M0T2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJU60C3WDPP-M0T2 Datasheet HTML 1Page - Renesas Technology Corp RJU60C3WDPP-M0T2 Datasheet HTML 2Page - Renesas Technology Corp RJU60C3WDPP-M0T2 Datasheet HTML 3Page - Renesas Technology Corp RJU60C3WDPP-M0T2 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJU60C3WDPP-M0
Preliminary
R07DS0886EJ0100Rev.1.00
Page 2 of 3
Oct 22, 2012
Main Characteristics
0.1
1
10
100
1000
di/dt (A/
μs)
Reverse Recovery Time vs. di/dt (Typical)
Reverse Voltage VR (V)
Capacitance vs. Reverse Voltage (Typical)
1
10
100
1000
f = 1 MHz
Tc = 25
°C
0.1
1
10
100
0
0.4
0.8
1.21.6
2.0
Ta = 150
°C
25
°C
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
0
80
160
40
120
200
40
80
120
160200
0
IF = 30 A
Ta = 25
°C
100
10
1
0.01
0.1
10 m 100 m10
1
100
Pulse Width PW (s)
Thermal Impedance vs. Pulse Width
100
μ 1 m
Tc = 25
°C
Single pulse


Similar Part No. - RJU60C3WDPP-M0T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
More results

Similar Description - RJU60C3WDPP-M0T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
logo
ASEMI TECHNOLOGY., LTD
SFP6006 ASEMI-SFP6006 Datasheet
454Kb / 5P
   60A super fast recovery diode
2018.11 Rev.3.1
logo
Renesas Technology Corp
RJU60C6WDPK-M0 RENESAS-RJU60C6WDPK-M0 Datasheet
65Kb / 4P
   600V - 50A - Dual Diode Super Fast Recovery Diode
RJU6054WDPK-M0 RENESAS-RJU6054WDPK-M0 Datasheet
80Kb / 4P
   600V - 30A - Dual Diode Ultra Fast Recovery Diode
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
   650V 60A Fast Recovery Diode
2019.08 - Rev.A
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60A
Revision: 20-Oct-11
logo
KIA Semiconductor Techn...
60TB30 KIA-60TB30 Datasheet
196Kb / 3P
   FAST RECOVERY DIODE 60A竊?00V
logo
Renesas Technology Corp
RJU60C6TDPP-AJ RENESAS-RJU60C6TDPP-AJ Datasheet
109Kb / 5P
   600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ_15 Datasheet
70Kb / 4P
   600V - 30A - Single Diode Fast Recovery Diode
RJU65F23DWA RENESAS-RJU65F23DWA Datasheet
88Kb / 5P
   600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com