Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE-DTC120 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE-DTC120
Description  Disc Thermostat, .500 Dia, Snap Action
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE-DTC120 Datasheet(HTML) 1 Page - NTE Electronics

  NTE-DTC120 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Disc Thermostat, .500” Dia, Snap Action
Features
Loose Bracket, Stainless Steel Cap
.250” Quick Connect Terminals
Automatic Reset
Enclosed Disc
Surface Mount
RoHS Compliant
F−13
.032 (0.8)
1.220 (31.0)
.728 (18.5)
1.220
(31.0)
.960
(24.4)
.250 (6.3)
Quick Connect
(2 Places)
.236
(6.0)
.157 (4.0)
.020 (0.5)
Specifications
Electrical Rating: 15A, 125VAC; 10A, 250VAC (Resistive Load)
Contact Mode: NC, NO
Insulation Resistance: 500VDC / 0.5mA / 1 minute
Dielectric Strength: 2000VAC / 0.5mA for 1 minute
Normal Isolated Resistance: > 100M
Protection Grade: IP20
NTE Type No.
Temperature
Function
Diag
No.
Open
Close
F
C
F
C
NTE−DTO60
59
±5
15
±5
41
±5
5
±5
Open on Rise
F−13
NTE−DTO85
86
±5
30
±5
68
±5
20
±5
Open on Rise
F−13
NTE−DTC100
68
±5
20
±5
104
±5
40
±5
Close on Rise
F−13
NTE−DTO110
113
±5
45
±5
77
±5
25
±5
Open on Rise
F−13
NTE−DTO120
122
±5
50
±5
95
±5
35
±5
Open on Rise
F−13
NTE−DTC120
95
±5
35
±5
122
±5
50
±5
Close on Rise
F−13
NTE−DTO140
140
±5
60
±5
113
±5
45
±5
Open on Rise
F−13
NTE−DTC140
113
±5
45
±5
140
±5
60
±5
Close on Rise
F−13
NTE−DTO150
149
±5
65
±5
122
±5
50
±5
Open on Rise
F−13
NTE−DTO160
158
±5
70
±5
131
±5
55
±5
Open on Rise
F−13
NTE−DTO170
167
±5
75
±5
140
±5
60
±5
Open on Rise
F−13
NTE−DTC170
140
±5
60
±5
167
±5
75
±5
Close on Rise
F−13
NTE−DTO175
176
±5
80
±5
158
±5
70
±5
Open on Rise
F−13
NTE−DTO180
185
±5
85
±5
149
±5
65
±5
Open on Rise
F−13
NTE−DTC180
149
±5
65
±5
185
±5
85
±5
Close on Rise
F−13
NTE−DTO190
194
±5
90
±5
158
±5
70
±5
Open on Rise
F−13
NTE−DTO210
212
±5
100
±5
185
±5
85
±5
Open on Rise
F−13
NTE−DTO220
221
±5
105
±5
194
±5
90
±5
Open on Rise
F−13
NTE−DTC225
203
±5
95
±5
221
±5
105
±5
Close on Rise
F−13
NTE−DTO230
230
±5
110
±5
203
±5
95
±5
Open on Rise
F−13
NTE−DTC240
140
±5
60
±5
239
±5
115
±5
Close on Rise
F−13
NTE−DTO250
248
±5
120
±5
221
±5
105
±5
Open on Rise
F−13
NTE−DTO320
302
±5
150
±5
275
±5
135
±5
Open on Rise
F−13


Similar Part No. - NTE-DTC120

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE-DTC120 NTE-NTE-DTC120 Datasheet
442Kb / 1P
   Disc Thermostat, .500??Dia, Snap Action
More results

Similar Description - NTE-DTC120

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE-DTO60 NTE-NTE-DTO60_14 Datasheet
442Kb / 1P
   Disc Thermostat, .500??Dia, Snap Action
logo
List of Unclassifed Man...
67F120 ETC2-67F120 Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
67F090P ETC2-67F090P Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com