Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSH350 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSH350
Description  High Voltage Power Transistors D-PAK for Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH350 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSH350 Datasheet HTML 1Page - Fairchild Semiconductor KSH350 Datasheet HTML 2Page - Fairchild Semiconductor KSH350 Datasheet HTML 3Page - Fairchild Semiconductor KSH350 Datasheet HTML 4Page - Fairchild Semiconductor KSH350 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A4, October 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
-1
-10
-100
-1000
1
10
100
1000
VCE = -10V
IC[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-10
-100
-1000
-1
-10
-100
-1000
ICP(max)
IC(max)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
3
6
9
12
15
18
21
24
TC[
o
C], CASE TEMPERATURE


Similar Part No. - KSH350

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSH350 ISC-KSH350 Datasheet
334Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - KSH350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH340 FAIRCHILD-KSH340 Datasheet
43Kb / 5P
   High Voltage Power Transistors D-PAK for Surface Mount Applications
MJD340 FAIRCHILD-MJD340 Datasheet
37Kb / 4P
   High Voltage Power Transistors D-PAK for Surface Mount Applications
MJD350 FAIRCHILD-MJD350 Datasheet
37Kb / 4P
   High Voltage Power Transistors D-PAK for Surface Mount Applications
KSH127 FAIRCHILD-KSH127 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
KSH117I FAIRCHILD-KSH117I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH210 FAIRCHILD-KSH210 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
KSH112I FAIRCHILD-KSH112I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
MJD117 FAIRCHILD-MJD117 Datasheet
59Kb / 5P
   D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com