Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LC86-I Datasheet(PDF) 8 Page - Microchip Technology

Part # 93LC86-I
Description  8K/16K 2.5V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86-I Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93LC86-I Datasheet HTML 4Page - Microchip Technology 93LC86-I Datasheet HTML 5Page - Microchip Technology 93LC86-I Datasheet HTML 6Page - Microchip Technology 93LC86-I Datasheet HTML 7Page - Microchip Technology 93LC86-I Datasheet HTML 8Page - Microchip Technology 93LC86-I Datasheet HTML 9Page - Microchip Technology 93LC86-I Datasheet HTML 10Page - Microchip Technology 93LC86-I Datasheet HTML 11Page - Microchip Technology 93LC86-I Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
93LC76/86
DS21131F-page 8
 2010 Microchip Technology Inc.
FIGURE 3-1:
SYNCHRONOUS DATA TIMING
FIGURE 3-2:
READ
FIGURE 3-3:
EWEN
The memory automatically cycles to the next register.
VIH
VIL
VIH
VIL
VIH
VOH
VOL
VOH
VOL
VIL
TSV
TDIS
TPD
TDIH
TCSS
TCKH
TCKL
TPD
TCSH
TCZ
TCZ
CS
CLK
DI
DO
DO
(Program)
(Read)
Status Valid
11
0
AN
A0
DN
DN
D0
D0
...
...
...
High-impedance
TCSL
CS
CLK
DI
DO
0
CS
CLK
DI
11
1
00
TCSL
XX
...
ORG = VCC, 8 X’s
ORG = VSS, 9 X’s


Similar Part No. - 93LC86-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86-I/P MICROCHIP-93LC86-I/P Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86-I/SN MICROCHIP-93LC86-I/SN Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86-IP MICROCHIP-93LC86-IP Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86-ISN MICROCHIP-93LC86-ISN Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
More results

Similar Description - 93LC86-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2010
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com