Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8303MUV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD8303MUV-E2
Description  Step-up/down, High-efficiency Switching Regulators (Controller type)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8303MUV-E2 Datasheet(HTML) 2 Page - Rohm

  BD8303MUV-E2 Datasheet HTML 1Page - Rohm BD8303MUV-E2 Datasheet HTML 2Page - Rohm BD8303MUV-E2 Datasheet HTML 3Page - Rohm BD8303MUV-E2 Datasheet HTML 4Page - Rohm BD8303MUV-E2 Datasheet HTML 5Page - Rohm BD8303MUV-E2 Datasheet HTML 6Page - Rohm BD8303MUV-E2 Datasheet HTML 7Page - Rohm BD8303MUV-E2 Datasheet HTML 8Page - Rohm BD8303MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/15
BD8303MUV
www.rohm.com
2013.07 - Rev.B
c
2009 ROHM Co., Ltd. All rights reserved.
● Electrical Characteristics
(Unless otherwise specified, Ta = 25 °C, VCC = 7.4 V)
Parameter
Symbol
Target Value
Unit
Conditions
Minimum
Typical
Maximum
[Low voltage input malfunction preventing circuit]
Detection threshold voltage
VUV
-
2.4
2.6
V
VREG monitor
Hysteresis range
ΔVUVhy
50
100
200
mV
[Oscillator]
Oscillation frequency
fosc
480
600
720
kHz
RT=51k
[Regulator]
Output voltage
VREG
4.7
5.1
5.5
V
[Error AMP]
INV threshold voltage
VINV
0.9875
1.00
1.0125
V
Input bias current
IINV
-50
0
50
nA
Vcc=12.0V ,
IINV=6.0V
Soft-start time
Tss
2.4
4.0
5.6
msec
RT=51k
Output source current
IEO
10
20
30
μA
VINV=0.8V , VFB =1.5V
Output sink current
IEI
0.6
1.3
3
mA
VINV=1.2V , VFB =1.5V
[PWM comparator]
SW1 Max Duty
Dmax1
85
90
95
%
HG1 ON
SW2 Max Duty
Dmax2
85
90
95
%
LG2 ON
SW2 Min Duty
Dmin2
5
10
15
%
LG2 OFF
[Output]
HG1, 2 High side ON resistance
RONHp
-
4
8
HG1, 2 Low side ON resistance
RONHn
-
4
8
LG1, 2 High side ON resistance
RONLp
-
4
8
LG1, 2 Low side ON resistance
RONLn
-
4
8
HG1-LG1 dead time
Tdead1
50
100
200
nsec
HG2-LG2 dead time
Tdead2
50
100
200
nsec
[STB]
STB pin
control voltage
Operation
VSTBH
2.5
-
VCC
V
No-operation
VSTBL
-0.3
-
0.3
V
STB pin pull-down resistance
RSTB
250
400
700
k
[Circuit current]
Standby
current
VCC pin
ISTB
-
-
1
μA
Circuit current at operation
VCC
Icc1
-
650
1000
μA
VINV=1.2V
Circuit current at operation
BOOT1,2
Icc2
-
120
240
μA
VINV=1.2V


Similar Part No. - BD8303MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
More results

Similar Description - BD8303MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com