Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSH32 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSH32
Description  General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH32 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSH32 Datasheet HTML 1Page - Fairchild Semiconductor KSH32 Datasheet HTML 2Page - Fairchild Semiconductor KSH32 Datasheet HTML 3Page - Fairchild Semiconductor KSH32 Datasheet HTML 4Page - Fairchild Semiconductor KSH32 Datasheet HTML 5Page - Fairchild Semiconductor KSH32 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A4, October 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: KSH32
: KSH32C
- 40
- 100
V
V
VCEO
Collector-Emitter Voltage
: KSH32
: KSH32C
- 40
- 100
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 3
A
ICP
Collector Current (Pulse)
- 5
A
IB
Base Current
- 1
A
PC
Collector Dissipation (TC=25°C)
15
W
Collector Dissipation (Ta=25°C)
1.56
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: KSH32
: KSH32C
IC = - 30mA, IB = 0
-40
-100
V
V
ICEO
Collector Cut-off Current
: KSH32
: KSH32C
VCE = - 40V, IB = 0
VCE = - 60V, IB = 0
-50
-50
µA
µA
ICES
Collector Cut-off Current
: KSH32
: KSH32C
VCE = - 40V, VBE = 0
VCE = - 100V, VBE = 0
-20
-20
µA
µA
IEBO
Emitter Cut-off Current
VBE = - 5V, IC = 0
-1
mA
hFE
* DC Current Gain
VCE = - 4V, IC = - 1A
VCE = - 4V, IC = - 3A
25
10
50
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 3, IB = - 375mA
-1.2
V
VBE(on)
* Base-Emitter On Voltage
VCE = - 4A, IC = - 3A
-1.8
V
fT
Current Gain Bandwidth Product
VCE = -10V, IC = - 500mA
3
MHz
KSH32/32C
General Purpose Amplifier Low Speed
Switching Applications
D-PAK for Surface Mount Applications
• Lead Formed for Surface Mount Application (No Suffix)
• Straight Lead (I-PAK, “- I” Suffix)
• Electrically Similar to Popular TIP32 and TIP32C
1.Base
2.Collector
3.Emitter
D-PAK
I-PAK
11


Similar Part No. - KSH32

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSH32C ISC-KSH32C Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - KSH32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH3055 FAIRCHILD-KSH3055 Datasheet
50Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH41C FAIRCHILD-KSH41C Datasheet
53Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD32 FAIRCHILD-MJD32 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH2955TF FAIRCHILD-KSH2955TF Datasheet
55Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH41CTF FAIRCHILD-KSH41CTF Datasheet
58Kb / 6P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH2955 FAIRCHILD-KSH2955 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
KSH3055I FAIRCHILD-KSH3055I Datasheet
56Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com