Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU3051SDPE-00J3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJU3051SDPE-00J3
Description  360V - 10A - Single Diode Ultra Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU3051SDPE-00J3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJU3051SDPE-00J3 Datasheet HTML 1Page - Renesas Technology Corp RJU3051SDPE-00J3 Datasheet HTML 2Page - Renesas Technology Corp RJU3051SDPE-00J3 Datasheet HTML 3Page - Renesas Technology Corp RJU3051SDPE-00J3 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJU3051SDPE
Preliminary
R07DS1067EJ0100 Rev.1.00
Page 2 of 3
Apr 24, 2013
Main Characteristics
1
10
100
Reverse Voltage VR (V)
Capacitance vs. Reverse Voltage (Typical)
1
10
100
f = 1 MHz
Tc = 25
°C
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
0.1
1
10
0
0.4
0.8
1.2
1.6
2.0
Ta = 125
°C
25
°C
0
20
40
10
30
50
40
80
120
160
200
0
di/dt (A/
μs)
Reverse Recovery Time vs. di/dt (Typical)
IF = 10 A
Ta = 25
°C
Pulse test
Normalized Transient Thermal Impedance vs. Pulse Width
Pulse Width
PW (s)
0.01
0.1
10
1
100
μ
1 m
10 m
100 m
1
100
10
Tc = 25
°C
0.05
0.2
0.1
0.5
D = 1
0.01
0.02
1 shot pulse
θch – c(t) = γs (t) • θj – c
θch – c = 2.13 °C/W, Tc = 25°C


Similar Part No. - RJU3051SDPE-00J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU3051SDPE RENESAS-RJU3051SDPE_15 Datasheet
101Kb / 4P
   360V - 10A - Single Diode Ultra Fast Recovery Diode
More results

Similar Description - RJU3051SDPE-00J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU3051SDPE RENESAS-RJU3051SDPE_15 Datasheet
101Kb / 4P
   360V - 10A - Single Diode Ultra Fast Recovery Diode
RJU3052SDPD-E0 RENESAS-RJU3052SDPD-E0_15 Datasheet
61Kb / 4P
   360V - 20A - Single Diode Ultra Fast Recovery Diode
RJU3052SDPD-E0 RENESAS-RJU3052SDPD-E0 Datasheet
61Kb / 4P
   360V - 20A - Single Diode Ultra Fast Recovery Diode
RJU36B1WDPF RENESAS-RJU36B1WDPF_15 Datasheet
63Kb / 4P
   360V - 20A - Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPF RENESAS-RJU36B2WDPF_15 Datasheet
64Kb / 4P
   360V - 40A - Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPF RENESAS-RJU36B2WDPF Datasheet
130Kb / 4P
   360V - 40A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
RJU36B1WDPF RENESAS-RJU36B1WDPF Datasheet
131Kb / 4P
   360V - 20A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
RJU4351SDPE RENESAS-RJU4351SDPE Datasheet
103Kb / 4P
   430V - 10A - Single Diode Ultra Fast Recovery Diode
RJU4351SDPE RENESAS-RJU4351SDPE_15 Datasheet
103Kb / 4P
   430V - 10A - Single Diode Ultra Fast Recovery Diode
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com