Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDN3113 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPDN3113
Description  AVALANCHE RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDN3113 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPDN3113 Datasheet HTML 1Page - Green Power Solutions srl GPDN3113 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVALANCHE RECTIFIER DIODE
GPDN3113
Document GPDN3113T001
Maximum surge current
d.s. cooled
0
2
4
6
8
10
12
14
1
10
100
Number of cycle current pulses [n]
Thermal Impedance (j-c)
0,000
0,005
0,010
0,015
0,020
0,025
0,030
0,035
0,040
0,045
0,001
0,01
0,1
1
10
100
Time [s]
Forward voltage drop
0
500
1000
1500
2000
2500
0,5
1
1,5
2
VF [V]
Tj=Tjmax
Current rating - sine wave
50
70
90
110
130
150
170
0
200
400
600
800
IF [A]
180°
120°
60°
30°
90°
Power loss - sine wave
0
500
1000
1500
2000
2500
0
200
400
600
800
IF [A]
180°
120
90
60°
30
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm


Similar Part No. - GPDN3113

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDN3113 GPSEMI-GPDN3113 Datasheet
108Kb / 1P
   AVALANCHE RECTIFIER DIODE
More results

Similar Description - GPDN3113

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
   Rectifier Diode Avalanche Diode
DS35 IXYS-DS35 Datasheet
40Kb / 2P
   Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
ABB
5SDA16F3806 ABB-5SDA16F3806 Datasheet
33Kb / 2P
   Avalanche Rectifier Diode
5SDA11D1702 ABB-5SDA11D1702 Datasheet
33Kb / 2P
   Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDP4189 GPSEMI-GPDP4189_12 Datasheet
146Kb / 2P
   AVALANCHE RECTIFIER DIODE
GPDP4247 GPSEMI-GPDP4247_12 Datasheet
140Kb / 2P
   AVALANCHE RECTIFIER DIODE
GPDN4087 GPSEMI-GPDN4087 Datasheet
108Kb / 1P
   AVALANCHE RECTIFIER DIODE
GPDP4218 GPSEMI-GPDP4218 Datasheet
112Kb / 1P
   AVALANCHE RECTIFIER DIODE
logo
ABB
5SDA09D2604 ABB-5SDA09D2604 Datasheet
33Kb / 2P
   Avalanche Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com