Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDC0799 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPDC0799
Description  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDC0799 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPDC0799 Datasheet HTML 1Page - Green Power Solutions srl GPDC0799 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTIFIER DIODE
GPDC0799
Document GPDC0799T001
Maximum surge current
d.s. cooled
0
10
20
30
40
50
60
1
10
100
Number of cycle current pulses [n]
Thermal Impedance (j-c)
0,000
0,002
0,004
0,006
0,008
0,010
0,001
0,01
0,1
1
10
100
Time [s]
Forward voltage drop
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
0
0,5
1
1,5
VF [V]
Tj=Tjmax
Current rating - sine wave
50
70
90
110
130
150
170
190
0
2000
4000
6000
8000
IF [A]
180°
90°
120°
60°
30°
Power loss - sine wave
0
2000
4000
6000
8000
10000
12000
0
2000
4000
6000
8000
IF [A]
180°
120°
90°
60°
30°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm


Similar Part No. - GPDC0799

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDC0799 GPSEMI-GPDC0799 Datasheet
112Kb / 2P
   RECTIFIER DIODE
GPDC0799 GPSEMI-GPDC0799_17 Datasheet
275Kb / 2P
   Low profile ceramic package, Spot welding applications
More results

Similar Description - GPDC0799

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com