Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPF6N8JFB Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJPF6N8JFB
Description  Fixed Inductors Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPF6N8JFB Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELJPF6N8JFB Datasheet HTML 1Page - Panasonic Semiconductor ELJPF6N8JFB Datasheet HTML 2Page - Panasonic Semiconductor ELJPF6N8JFB Datasheet HTML 3Page - Panasonic Semiconductor ELJPF6N8JFB Datasheet HTML 4Page - Panasonic Semiconductor ELJPF6N8JFB Datasheet HTML 5Page - Panasonic Semiconductor ELJPF6N8JFB Datasheet HTML 6Page - Panasonic Semiconductor ELJPF6N8JFB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6±0.2
3.2±0.3
Marking
4.0 to 4.6
1.6 to 2.0
1
10
1000
100
10
1
100
1000
10000
Idc (mA)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
● 2000 pcs./Reel
LA Type 3225 (1210)
Standard Parts
✽1 Rated current is defined by maximum temperature rise of 40 Celsius.
✽2 Saturation Rated Current is defined by 30% change of inductance. -dL/L<-30%
Part No.
Inductance
DC Resistance
(
Ω)
Rated
Current ✽1
(mA) max.
Saturation
Rated Current ✽2
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
ELJLA2R2KF
2.2
±10 %
1
0.20 ±30 %
740
1400
ELJLA3R3KF
3.3
0.24 ±30 %
670
1200
ELJLA4R7KF
4.7
0.35 ±30 %
560
900
ELJLA6R8KF
6.8
0.55 ±30 %
460
800
ELJLA100KF
10
0.71 ±20 %
410
600
ELJLA220KF
22
1.90 ±20 %
250
420
ELJLA470KF
47
4.30 ±20 %
165
300
ELJLA680KF
68
5.50 ±20 %
145
260
ELJLA101KF
100
9.50 ±20 %
110
200
Performance Characteristics (Reference)
Inductance vs DC Current
Sep. 2012
03
26


Similar Part No. - ELJPF6N8JFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF6N8JFB PANASONIC-ELJPF6N8JFB Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPF6N8JFB PANASONIC-ELJPF6N8JFB Datasheet
236Kb / 7P
   Fixed Inductors (Chip Inductors)
ELJPF6N8JFB PANASONIC-ELJPF6N8JFB Datasheet
138Kb / 5P
   Chip Inductors High Power Type
ELJPF6N8JFB PANASONIC-ELJPF6N8JFB Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJPF6N8JFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com