Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C345S Datasheet(PDF) 2 Page - Coto Technology

Part # C345S
Description  Contact Form: C245S: 1a / C345S: 2a Load Voltage: 60V Maximum
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C345S Datasheet(HTML) 2 Page - Coto Technology

  C345S Datasheet HTML 1Page - Coto Technology C345S Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 45
C245S/C345S MAXIMUM RATINGS (Ambient Temperature: 25ºC)
Parameters
Symbol
Units
Value
INPUT SPECIFICATIONS
Continuous LED Current
IF
mA
50mA
Peak LED Current
IFP
mA
500mA
LED Reverse Voltage
VR
V
5V
Input Power Dissipation
Pin
mW
75mW
OUTPUT SPECIFICATIONS
Load Voltage
VL
V
60V (AC peak or DC)
Load Current
IL
A
100mA
Peak Load Current
IPeak
A
350mA
Output Power Dissipation
POut
mW
200mW (1Ch) / 400mW (2Ch)
RELAY SPECIFICATIONS
Total Power Dissipation
PT
mW
225mW (1Ch) / 450mW (2Ch)
I/O Breakdown Voltage
VI/O
V
1500Vrms
Operating Temperature
TOpr
-40ºC ~ +85ºC
Storage Temperature
TStg
-40ºC ~ +100ºC
C245S/C345S ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25ºC)
Parameters
Symbol
Test Conditions
Units
Min
Typ
Max
INPUT
LED Forward Voltage
VF
IF=10mA
V
1.0
1.5
Operation LED Current
IF On
mA
3.0
Recovery LED Voltage
VF Off
V
0.5
OUTPUT
On-Resistance Drain to Drain
ROn
IF=5mA, IL=Rating
Time to flow is within 1 sec.
Ω
14
Off-State Leakage Current
ILeak
VL=60V
μA
1.0
Output Capacitance
COut
VL=0V, f=1MHz
pF
20
TRANSMISSION
Turn-On Time
TOn
IF=5mA, IL=Rating
ms
3.0
Turn-Off Time
TOff
ms
1.0
COUPLED
I/O Insulation Resistance
RI/O
Ω
109
I/O Capacitance
CI/O
f=1MHz
pF
1.3
Environmental Ratings:
Operating Temp: -40°C to +85° C; Storage Temp: –40 to +100 C.
All electrical parameters measured at 25° C unless otherwise specified.


Similar Part No. - C345S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C345S COTO-C345S Datasheet
798Kb / 3P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results

Similar Description - C345S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C237S COTO-C237S Datasheet
383Kb / 2P
   Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
   Contact Form: 2a Load Voltage: 60V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
   Contact Form: 1a Load Voltage: 60V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
   Contact Form: 1a Load Voltage: 60V Maximum
C235S COTO-C235S Datasheet
379Kb / 2P
   Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C231S COTO-C231S Datasheet
381Kb / 2P
   Contact Form: C231S: 1a / C331S: 2a Load Voltage: 350V Maximum
C230S COTO-C230S Datasheet
381Kb / 2P
   Contact Form: C230S: 1a / C330S: 2a Load Voltage: 400V Maximum
C247S COTO-C247S Datasheet
381Kb / 2P
   Contact Form: C247S: 1a / C347S: 2a Load Voltage: 80V Maximum
C238S COTO-C238S Datasheet
382Kb / 2P
   Contact Form: C238S: 1a / C338S: 2a Load Voltage: 600V Maximum
C234S COTO-C234S Datasheet
381Kb / 2P
   Contact Form: C234S: 1a / C334S: 2a Load Voltage: 200V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com