Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCA3A330GE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECCA3A330GE
Description  High Voltage Ceramic Disc Capacitors Low loss type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCA3A330GE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECCA3A330GE Datasheet HTML 1Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 2Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 3Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 4Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 5Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 6Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 7Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 8Page - Panasonic Semiconductor ECCA3A330GE Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Disc Capacitors (Low loss type)
Rated Voltage and Capacitance Range
Series Name
Temp.
Char.
Rated
Voltage
Capacitance Range in pF
10
100
1000
10000
Typical Applications
Series KGE
SL
1 kVDC
Ballast circuit of LCD
backlighting inverter
Snubber circuit of
switching power supply
2 kVDC
3 kVDC
6 kVDC
Series KBP
B
1 kVDC
Snubber circuit of
switching power supply
Horizontal resonance
circuit of TV and CRT
display
2 kVDC
3 kVDC
Series KRP
R
1 kVDC
Snubber circuit of
switching power supply
2 kVDC
3 kVDC
470
220
150
150
5600
5600
2700
4700
4700
2200
Dimensions “D” (Body Diameter)
Cap.
in pF
KGE
KBP
KRP
1 kV
2 kV
3 kV
6 kV
1 kV
2 kV
3 kV
1 kV
2 kV
3 kV
12 to 22
6.07.0
7.07.0
22 to 33
6.07.0
7.08.0
39
6.0
7.0
7.0
9.0
47
6.0
7.0
7.0
9.0
56
6.0
7.0
8.0
10.0
68
6.0
7.0
8.0
11.0
82
6.0
7.0
9.0
11.0
100
7.0
8.0
10.0
13.0
6.0
7.0
7.5
6.0
7.0
7.5
120
7.0
8.0
10.0
13.0
6.0
7.0
7.5
6.0
7.0
7.5
150
8.0
9.0
11.0
15.0
6.0
7.0
7.5
6.0
7.0
7.5
180
8.0
10.0
6.0
7.0
7.5
6.0
7.0
7.5
220
9.0
10.0
6.0
7.0
7.5
6.0
7.0
8.0
270
9.0
6.0
7.0
7.5
6.0
7.0
8.0
330
11.0
6.0
7.0
8.0
6.0
7.5
8.5
390
11.0
6.0
7.0
9.0
7.0
7.5
9.5
470
13.0
6.0
7.5
9.5
7.0
9.0
9.5
560
7.0
8.010.0
7.0
9.0
10.5
680
7.0
9.0
11.07.5
10.0
10.5
820
7.5
9.0
11.07.5
10.0
12.5
1000
9.0
10.0
12.59.0
12.0
12.5
1200
9.0
10.5
14.59.0
12.0
14.5
1500
9.5
12.0
14.510.5
12.0
14.5
1800
12.0
12.5
16.0
10.5
14.0
16.5
2200
12.0
14.0
17.0
11.5
16.0
17.0
2700
13.5
16.0
18.5
13.0
16.0
3300
13.5
17.0
13.0
19.0
3900
15.5
18.0
14.0
20.0
4700
15.5
25.0
16.5
21.0
5600
17.0
25.0
unit : mm
Feb. 2006
Discontinued


Similar Part No. - ECCA3A330GE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCA3A330 PANASONIC-ECCA3A330 Datasheet
426Kb / 10P
   HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECCA3A330GE PANASONIC-ECCA3A330GE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECCA3A330GE PANASONIC-ECCA3A330GE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECCA3A330GE PANASONIC-ECCA3A330GE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results

Similar Description - ECCA3A330GE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
   High voltage ceramic disc capacitors (low loss type)
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A270JGE PANASONIC-ECC-D3A270JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A332KBP PANASONIC-ECK-A3A332KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors ( Low loss type)
ECC-D3A220JGE PANASONIC-ECC-D3A220JGE Datasheet
426Kb / 10P
   HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECK-A3D102KBP PANASONIC-ECK-A3D102KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3A151KBP PANASONIC-ECK-A3A151KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-A3F560JGE PANASONIC-ECC-A3F560JGE Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A150JGE PANASONIC-ECC-D3A150JGE Datasheet
426Kb / 10P
   High Voltage Ceramic Disc Capacitors (Low Loss type)
ECKA3D101KBP PANASONIC-ECKA3D101KBP Datasheet
579Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3F471KBP PANASONIC-ECK-A3F471KBP Datasheet
619Kb / 9P
   High Voltage Ceramic Disc Capacitors (Low loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com