Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-AU_LU_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC807-AU_LU_00001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807-AU_LU_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC807-AU_LU_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC807-AU_LU_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC807-AU_LU_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC807-AU_LU_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC807-AU_LU_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
March 1,2011-REV.03
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
BC807-AU SERIES
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)


Similar Part No. - BC807-AU_LU_00001

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC807-16 GE-BC807-16 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Taiwan Semiconductor Co...
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Allied Components Inter...
BC807-16 ALLIED-BC807-16 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
More results

Similar Description - BC807-AU_LU_00001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com