Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRRC370V55 Datasheet(PDF) 1 Page - NTE Electronics

Part # MRRC370V55
Description  ROUND MOTOR RUN AC ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MRRC370V55 Datasheet(HTML) 1 Page - NTE Electronics

  MRRC370V55 Datasheet HTML 1Page - NTE Electronics MRRC370V55 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROUND MOTOR RUN AC ELECTROLYTIC
MRRC SERIES
51
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
The MRRC Series Motor Run Capacitors offer outstanding
electrical characteristics, high capacitance stability over
time and temperature, and very low internal power losses
(Dissipation Factor). Possible applications include; electric
motor, pumps, air conditioning, compressor, lighting, and
general purpose AC applications.
FEATURES:
Two .250” Quick Connect Terminals
Low−Loss, Self−Healing Metallized
Polypropylene Film Dielectric
Round Aluminum Case
370VAC and 440VAC Types
10,000 AFC Protected
RATINGS
Capacitance Range:
370 Volts − 4 F to 70 F
440 Volts − 20 F to 70 F
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
4 F to 25 F − −25 C to +85 C
30 F to 70 F − −40 C to +70 C
Operating Frequency: 50 − 60Hz
Insulation Resistance: 2000M min between
Insulation Resistance: terminals and case
Dissipation Factor:
4 F to 25 F − 0.15% Max at 60Hz, +25 C
30 F to 70 F − 0.1% Max
Overvoltage: 175% of standard rated voltage for
Overvoltage: 10 seconds
CAPACITOR CONSTRUCTION
These devices feature a low−loss, self−healing
metallized Polypropylene Film dielectric system,
which is oil−filled, and is protected by a 10,000 AFC
Safety Pressure Interrupter.
ORDERING INFORMATION
MRRC 370V
15
Series
Voltage
Capacitance
D
C
H


Similar Part No. - MRRC370V55

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
MRR52-V ELDECO-MRR52-V Datasheet
525Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 18A
More results

Similar Description - MRRC370V55

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505QPC370KB8 ILLINOISCAPACITOR-505QPC370KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
604QPC350KA3 ILLINOISCAPACITOR-604QPC350KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
804QPC300KA3 ILLINOISCAPACITOR-804QPC300KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
805QPC275KB8 ILLINOISCAPACITOR-805QPC275KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
   MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
305QPC400KB8 ILLINOISCAPACITOR-305QPC400KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
455QPC250KB5B ILLINOISCAPACITOR-455QPC250KB5B Datasheet
141Kb / 1P
   MOTOR RUN/AC
504QPC400KA3 ILLINOISCAPACITOR-504QPC400KA3 Datasheet
175Kb / 1P
   MOTOR RUN/AC
125QPC250KA3 ILLINOISCAPACITOR-125QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com