Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSE210 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE210
Description  Feature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE210 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE210 Datasheet HTML 1Page - Fairchild Semiconductor KSE210 Datasheet HTML 2Page - Fairchild Semiconductor KSE210 Datasheet HTML 3Page - Fairchild Semiconductor KSE210 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, January 2001
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 40
V
VCEO
Collector-Emitter Voltage
- 25
V
VEBO
Emitter-Base Voltage
- 8
V
IC
Collector Current
- 5
A
PC
Collector Dissipation (TC=25°C)
15
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = - 10mA, IB = 0
-25
V
ICBO
Collector Cut-off Current
VCB = -40V, IE = 0
VCB = - 40V, IE =0 @ TJ = 125°C
-100
-100
nA
µA
IEBO
Emitter Cut-off Current
VBE = - 8V, IC = 0
-100
nA
hFE1
hFE2
hFE3
DC Current Gain
VCE = - 1V, IC = - 500mA
VCE = - 1V, IC = - 2A
VCE = - 2V, IC = - 5A
70
45
10
180
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 500mA, IB = - 50mA
IC = - 2A, IC = - 200mA
IC = - 5A, IB = - 1A
-0.3
-0.75
-1.8
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 5A, IB = - 1A
-2.5
V
VBE(on)
Base-Emitter On Voltage
VCE = - 1V, IC = - 2A
-1.6
V
fT
Current Gain Bandwidth Product
VCE = - 10V, IC = - 100mA
65
MHz
Cob
Output Capacitance
VCB = - 10V, IE = 0, f = 1MHz
120
pF
KSE210
Feature
• Low Collector-Emitter Saturation Voltage
• High Current Gain Bandwidth Product : fT=65MHz@IC= -100mA (Min.)
• Complement to KSE200
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSE210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE200 FAIRCHILD-KSE200 Datasheet
42Kb / 4P
   Feature
KSE2955 FAIRCHILD-KSE2955 Datasheet
38Kb / 4P
   General Purpose and Switching Applications
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results

Similar Description - KSE210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5047 FAIRCHILD-KSC5047 Datasheet
41Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSD1691 FAIRCHILD-KSD1691 Datasheet
47Kb / 5P
   Feature
KSD1692 FAIRCHILD-KSD1692 Datasheet
50Kb / 4P
   Feature
KSE200 FAIRCHILD-KSE200 Datasheet
42Kb / 4P
   Feature
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
   Feature
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
EALP03RDARA6 EVERLIGHT-EALP03RDARA6 Datasheet
189Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com