Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF247210OHM Datasheet(PDF) 1 Page - Riedon Powertron

Part # PF247210OHM
Description  TO-247 Power Thin Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF247210OHM Datasheet(HTML) 1 Page - Riedon Powertron

  PF247210OHM Datasheet HTML 1Page - Riedon Powertron PF247210OHM Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
07/13
PF2470 Series
• TO-247 Housing
• Rated Power to 140 Watts
• Resistances from 0.02 to 51K Ohms
• High Stability Film Resistance Elements
• Resistance Tolerance to ±1%
• Low Inductance ( <50nH )
• Isolated Back Plate
SPECIFICATIONS
1
Power rating based on 25°C Flange Temperature
2
Power rating based on 25°C Ambient Temperature
3
Consult Factory for Higher or Lower Values
Specification
Value
Temperature Range
-55°C to +155°C
Dielectric Strength
2500 VAC
Max. Operating Voltage
700 V or √P*R, whichever is less
Insulation Resistance
>1000 Meg-Ohm
Environmental Performance
D
R
Test Conditions
Load Life
±1% + 0.05W
25°C, 90 min ON, 30 min OFF, 1000 hr
Humidity Resistance
±1% + 0.05W
40°C, 90-95% RH, DC 0.1W, 1000 hr
Temperature Cycle
±0.25% + 0.05W
-55°C for 30 min, +155°C for 30 min, 1000 hr
Solder Heat
±0.1% + 0.05W
+350°C, 3s
Vibration
±0.25% + 0.05W
IEC60068-2-6
Type
Power Rating
Heatsink1
Free Air2
Thermal
Resistance
Resistance Range3
Min
Max
Tolerances
Temperature
Coefficients
PF2473
140W
5W
0.9°C/W
0.02W
51KW
±1% ( R≥0.10W )
±5%
±50ppm/°C ( R≥10W )
±100ppm/°C ( 0.1W ≤ R < 10W )
±250ppm/°C ( R < 0.1W )
PF2472
100W
3W
1.3°C/W
0.02W
51KW
±1% ( R≥0.10W )
±5%
±50ppm/°C ( R≥10W )
±100ppm/°C ( 0.1W ≤ R < 10W )
±250ppm/°C ( R < 0.1W )
TO-247 Power Thin Film Resistors


Similar Part No. - PF247210OHM

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2472 RIEDON-PF2472 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472 RIEDON-PF2472 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
More results

Similar Description - PF247210OHM

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF1260 RIEDON-PF1260_13 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
PF2200 RIEDON-PF2200_13 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_15 Datasheet
258Kb / 3P
   TO-220 Power Thin Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com