Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD11NM65N Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD11NM65N
Description  N-channel 650 V, 0.425typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD11NM65N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD11NM65N Datasheet HTML 7Page - STMicroelectronics STD11NM65N Datasheet HTML 8Page - STMicroelectronics STD11NM65N Datasheet HTML 9Page - STMicroelectronics STD11NM65N Datasheet HTML 10Page - STMicroelectronics STD11NM65N Datasheet HTML 11Page - STMicroelectronics STD11NM65N Datasheet HTML 12Page - STMicroelectronics STD11NM65N Datasheet HTML 13Page - STMicroelectronics STD11NM65N Datasheet HTML 14Page - STMicroelectronics STD11NM65N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Doc ID 13476 Rev 4
11/21
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
Package mechanical data
21
Figure 24. DPAK (TO-252) drawing
Figure 25. DPAK footprint(a)
a.
All dimension are in millimeters
0068772_I
6.7
1.6
1.6
2.3
2.3
6.7
1.8
3
AM08850v1


Similar Part No. - STD11NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM65N STMICROELECTRONICS-STD11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
logo
Inchange Semiconductor ...
STD11NM65N ISC-STD11NM65N Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STD11NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
   N-channel 600 V, 0.14 廓 typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2015 Rev 2
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com