Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T70751B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # T70751B
Description  707.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

T70751B Datasheet(HTML) 2 Page - Integrated Technology Future

  T70751B Datasheet HTML 1Page - Integrated Technology Future T70751B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
707.0 MHz SAW Filter
Part Number T70751B
Tel: 82-32-621-1213
2013. 03. 29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
35dB Bandwidth
CH1 S21
LOG
1 dB/
REF -24.82 dB
Cor
PRm
CH2 S21
LOG
1 dB/
REF -25.35 dB
CENTER 707. 000 000 MHz
SPAN 23. 000 000 MHz
Cor
PRm
28 Nov 2011 19:12:46
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 18. 603880 MHz
cent : 706. 991409 MHz
Q: 38. 002
1_loss : -25 . 213 dB
2
3
3: . 08420 dB
18. 000 000 MHz
REF=2
CH2 Markers
mean: -25 . 059 dB
s. dev : . 15460 dB
p-p : . 75300 dB
CH1 S21
LOG
10 dB/
REF -24.85 dB
CENTER 707. 000 000 MHz
SPAN 75. 000 000 MHz
*
Cor
PRm
28 Nov 2011 19:11:02
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 21. 552674 MHz
cent : 706. 985140 MHz
Q: 32. 803
1_loss : -25 . 111 dB
3dB Bandwidth & Group Delay
Out of Band Gain
CH1 S21
LOG
1 dB/
REF -24.82 dB
Cor
PRm
CH2 S21
DEL
100 ns/
REF 1.138 us
CENTER 707. 000 000 MHz
SPAN 23. 000 000 MHz
Cor
Smo
PRm
28 Nov 2011 19:13:02
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 19. 148893 MHz
cent : 706. 986256 MHz
Q: 36. 920
1_loss : -25 . 213 dB
2
3
3: 14. 174 ns
18. 000 000 MHz
REF=2
CH2 Markers
mean: 1. 1661 us
s. dev : 7. 7919 ns
p-p : 42. 128 ns
CH1 S21
LOG
10 dB/
REF -24.85 dB
*
Cor
PRm
CH3 S21
LOG
10 dB/
REF -24.82 dB
CENTER 707. 000 000 MHz
SPAN 75. 000 000 MHz
*
28 Nov 2011 19:11:56
2
3
2: 0. 0000 dB
0. 000 000 MHz
REF=2
CH1 Markers
3:-44 . 504 dB
-2 . 00000 MHz
2
3
2: 0. 0000 dB
0. 000 000 MHz
REF=2
CH3 Markers
3:-48 . 496 dB
2. 00000 MHz
Smith Chart (S11 & S22)
SWR (S11 & S22)
CH1 S11
1 U FS
CENTER 707. 000 000 MHz
SPAN 75. 000 000 MHz
*
Cor
PRm
CH2 S22
1 U FS
*
Cor
PRm
28 Nov 2011 19:13:39
1
1: 66. 590
-35 . 824
6. 2838 pF
707. 000 000 MHz
2
2: 77. 477
37. 113
8. 3547 nH
707. 000 000 MHz
CH1 S11
SWR
2 /
REF 1.957
*
Cor
PRm
CH2 S22
SWR
2 /
REF 2.067
CENTER 707. 000 000 MHz
SPAN 75. 000 000 MHz
*
Cor
PRm
28 Nov 2011 19:13:34
1
1: 1. 9572
707. 000 000 MHz
2
2: 2. 0665
707. 000 000 MHz


Similar Part No. - T70751B

ManufacturerPart #DatasheetDescription
logo
DANFOSS POWER SOLUTIONS
T70 DANFOSS-T70 Datasheet
278Kb / 2P
   Remote Control T70 1 HALL Transmitter
February 2022
logo
Powerex Power Semicondu...
T700 POWEREX-T700 Datasheet
722Kb / 4P
   Phase Control SCR (300-350 Amperes 2400 Volts)
T700 POWEREX-T700 Datasheet
722Kb / 4P
   PHASE CONTROL SCR
logo
Amphenol Corporation
T7000 AMPHENOL-T7000 Datasheet
76Kb / 4P
   Identify areas with low or substandard ventilation
logo
Powerex Power Semicondu...
T70002 POWEREX-T70002 Datasheet
241Kb / 6P
   Phase Control SCR (250-350 Amperes 200-2200 Volts)
More results

Similar Description - T70751B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7739 EPCOS-B7739 Datasheet
93Kb / 8P
   SAW filter 707.0 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com