Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRC370V35 Datasheet(PDF) 1 Page - NTE Electronics

Part # MRC370V35
Description  MOTOR RUN AC METALLIZED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MRC370V35 Datasheet(HTML) 1 Page - NTE Electronics

  MRC370V35 Datasheet HTML 1Page - NTE Electronics MRC370V35 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOTOR RUN AC METALLIZED
MRC SERIES
49
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
The MRC series is a range of AC metallized capacitors.
These capacitors are most often used in motor run, HVAC,
lighting, and power supply applications.
FEATURES:
• .25” 4−Way Quick Connect terminals
• Pressure activated circuit interrupter
• Self healing of shorts due to dielectric breakdown
• Non−PCB dielectric fluid
• Low dissipation factor
• Leak−proof terminals
RATINGS
Capacitance Range:
370 Volts − 2
µF to 50µF
440 Volts − 2
µF to 60µF
Tolerance: See Table on Next Page
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: −25
°C to +85°C
(MRC440V17R5 ONLY):
−40
°C to +70°C
(MRC440V30 ONLY):
−55
°C to +70°C
Capacitance Change Due To Temp: +5% to−7%
Dissipation Factor:
0.001% Max @ 60Hz
(MRC440V17R5 ONLY) 0.1% Max @ 60Hz
Service Life: *150,000 hours (at Max Rating)
94% survival
Shelf Life: 10 years (when stored at < 35
°C)
Impregnant: Dykanol XK
CAPACITOR CONSTRUCTION
Metallized electrodes on both sides of paper sub-
strate are wound with polypropylene film as a dielec-
tric. During vacuum fluid processing the paper acts as
a wick for thorough fluid impregnation to SUPPRESS
CORONA and to promote long life.
ORDERING INFORMATION
MRC
370V
2
Series
Voltage
Capacitance
* EIA Standard is 60,000 hours
CAPACITANCE VS. TEMPERATURE
TEMPERATURE
°C
°
−50
−25
0
25
50
75
100
110
100
90
80
50
75
100
25
TEMPERATURE
°C
.4
.3
.2
.1
DISSIPATION FACTOR VS. TEMPERATURE
* NOTE − DF values after rated voltage
is applied for 24 hours.
Measured at Rated Voltage 60HZ
W
D
L
0.81
(20.57)
TERMINAL TYPE
Standard terminal 0.25 (6.35) wide x 0.032 (0.85)
four blade quick disconnect universal type lugs of tin
plated silicon bronze or brass (MRC440V20 may be
received in two blade type).
NOTE: All dimensions are typical and for reference
ONLY. Please contact the factory for actual size.


Similar Part No. - MRC370V35

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRC370V35 NTE-MRC370V35 Datasheet
71Kb / 2P
   MOTOR RUN AC METALLIZED
More results

Similar Description - MRC370V35

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRC370V2 NTE-MRC370V2 Datasheet
71Kb / 2P
   MOTOR RUN AC METALLIZED
logo
Illinois Capacitor, Inc...
505QPC370KB8 ILLINOISCAPACITOR-505QPC370KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
604QPC350KA3 ILLINOISCAPACITOR-604QPC350KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
804QPC300KA3 ILLINOISCAPACITOR-804QPC300KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
805QPC275KB8 ILLINOISCAPACITOR-805QPC275KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
   MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
305QPC400KB8 ILLINOISCAPACITOR-305QPC400KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
455QPC250KB5B ILLINOISCAPACITOR-455QPC250KB5B Datasheet
141Kb / 1P
   MOTOR RUN/AC
504QPC400KA3 ILLINOISCAPACITOR-504QPC400KA3 Datasheet
175Kb / 1P
   MOTOR RUN/AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com