Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21062LCS-160 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-21062LCS-160
Description  SHARC Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LCS-160 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-21062LCS-160 Datasheet HTML 1Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 2Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 3Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 4Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 5Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 6Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 7Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 8Page - Analog Devices ADSP-21062LCS-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC Processor
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel : 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
SUMMARY
High performance signal processor for communications,
graphics and imaging applications
Super Harvard Architecture
4 independent buses for dual data fetch, instruction fetch,
and nonintrusive I/O
32-bit IEEE floating-point computation units—multiplier,
ALU, and shifter
Dual-ported on-chip SRAM and integrated I/O peripherals—a
complete system-on-a-chip
Integrated multiprocessing features
240-lead thermally enhanced MQFP_PQ4 package, 225-ball
plastic ball grid array (PBGA), 240-lead hermetic CQFP
package
RoHS compliant packages
KEY FEATURES—PROCESSOR CORE
40 MIPS, 25 ns instruction rate, single-cycle instruction
execution
120 MFLOPS peak, 80 MFLOPS sustained performance
Dual data address generators with modulo and bit-reverse
addressing)
Efficient program sequencing with zero-overhead looping:
Single-cycle loop setup
IEEE JTAG Standard 1149.1 Test Access Port and on-chip
emulation
32-bit single-precision and 40-bit extended-precision IEEE
floating-point data formats or 32-bit fixed-point data
format
Figure 1. Functional Block Diagram
MULT
BARREL
SERIAL PORTS
(2)
LINK PORTS
(6)
4
6
6
36
IOP
REGISTERS
(MEMORY
MAPPED)
CONTROL,
STATUS AND
DATA BUFFERS
I/O PROCESSOR
TIMER
INSTRUCTION
CACHE
ADDR
DATA
DATA
ADDR
ADDR
DATA
ADDR
TWO INDEPENDENT
DUAL-PORTED BLOCKS
PROCESSOR PORT
I/O PORT
DUAL-PORTED SRAM
JTAG
TEST AND
EMULATION
7
HOST PORT
ADDR BUS
MUX
IOA
17
IOD
48
MULTIPROCESSOR
INTERFACE
EXTERNAL
PORT
DATA BUS
MUX
48
32
24
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
BUS
CONNECT
(PX)
DAG1
32
48
40/32
CORE PROCESSOR
PROGRAM
SEQUENCER
8
4
32
DAG2
8
4
24
32
48-BIT
PM ADDRESS BUS
DATA
CONTROLLER
DMA
DATA
REGISTER
FILE
16
40-BIT
ALU
SHIFTER
S


Similar Part No. - ADSP-21062LCS-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21062LCS-160 AD-ADSP-21062LCS-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCS-160 AD-ADSP-21062LCS-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results

Similar Description - ADSP-21062LCS-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com