Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS001WP Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPS001WP
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPS001WP Datasheet HTML 6Page - STMicroelectronics LPS001WP Datasheet HTML 7Page - STMicroelectronics LPS001WP Datasheet HTML 8Page - STMicroelectronics LPS001WP Datasheet HTML 9Page - STMicroelectronics LPS001WP Datasheet HTML 10Page - STMicroelectronics LPS001WP Datasheet HTML 11Page - STMicroelectronics LPS001WP Datasheet HTML 12Page - STMicroelectronics LPS001WP Datasheet HTML 13Page - STMicroelectronics LPS001WP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Functionality
LPS001WP
10/30
Doc ID 18171 Rev 1
4
Functionality
The LPS001WP is a high-resolution, digital-output pressure sensor packaged in an LGA
holed package. The complete device includes a sensing element based on a piezoresistive
Whetstone bridge approach, and an IC interface capable of providing information from the
sensing element to external applications as a digital signal.
4.1
Sensing element
An ST proprietary process is used to obtain a mono-silicon µ-sized membrane for MEMS
pressure sensors, without requiring substrate-to-substrate bonding.
When pressure is applied, membrane deflection induces an imbalance in the Wheatstone
bridge piezoresistors, whose output signal is converted by the IC interface.
Intrinsic mechanical stoppers prevent breakage in case of pressure overstress, ensuring
measurement repeatability.
The pressure inside the buried cavity under the membrane is constant and controlled by
process parameters.
To be compatible with traditional packaging technologies, a silicon holed cap is placed on
top of the sensing element. During the moulding phase, this opening is covered by
dedicated protection to avoid membrane blocking.
The package design leaves the holed cap exposed, allowing ambient pressure to reach the
sensing element.
4.2
IC interface
The complete measurement chain consists of a low-noise capacitive amplifier, which
converts the resistive unbalance of the MEMS sensor into an analog voltage signal, and of
an analog-to-digital converter, which translates the produced signal into a digital bitstream.
The converter is coupled with a dedicated reconstruction filter which removes the high
frequency components of the quantization noise and provides low rate and high resolution
digital words.
The pressure data can be accessed through an I2C/SPI interface, making the device
particularly suitable for direct interfacing with a microcontroller.
4.3
Factory calibration
The IC interface is factory-calibrated at two temperatures and two pressure levels for
sensitivity and accuracy.
The trimming values are stored inside the device using a non-volatile structure. Each time
the device is turned on, the trimming parameters are downloaded into the registers to be
employed during normal operation. This allows the user to employ the device without
requiring further calibration.
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - LPS001WP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS0300H1001FB VISHAY-LPS0300H1001FB Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS0300H1001FN VISHAY-LPS0300H1001FN Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS0300H1001GB VISHAY-LPS0300H1001GB Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS0300H1001GN VISHAY-LPS0300H1001GN Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS0300H1001JB VISHAY-LPS0300H1001JB Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
More results

Similar Description - LPS001WP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
   MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
   MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
   MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
May 2020 - Rev 3
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
   MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
   High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
August 2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
   High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
Rev 2 February 2019
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
   MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
July 2017 Rev 1
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
   MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
July 2019
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
   Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
September 2021 - Rev 1
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
   MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com