Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHS2-T220 Datasheet(PDF) 1 Page - Riedon Powertron

Part # NHS2-T220
Description  Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

NHS2-T220 Datasheet(HTML) 1 Page - Riedon Powertron

  NHS2-T220 Datasheet HTML 1Page - Riedon Powertron NHS2-T220 Datasheet HTML 2Page - Riedon Powertron NHS2-T220 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 80
07/13
NPR NPS 2-T220
NHR NHS 2-T220 T221
Power Resistors
Type
NPR / NPS
NHR / NHS
Resistance Range
0.02 Ohms to 100kOhms
0.02 Ohms to 15kOhms
Power rating
free air 70°C
with heatsink
1.5 W
30 W
1.5 W
50 W
Thermal Resistance Rthj-c
3.5 K/W
2.1 K/W
Tolerances
from 0.02 Ohms
from 1.0 Ohms
2% / 5%
1% / 2% / 5%
Stability
0.5%
Temperature Coefficient
0.02 to 0.049 Ohms
0.05 to 0.099 Ohms
0.1 Ohms to 100 kOhms
±600 ppm/°C
±300 ppm/°C
±100 ppm/°C
upon request ±50 ppm/°C
Voltage Proof
2.0 kVDC
1.5 kVDC
Max. Voltage
depending on resistance value
1
10
100
1000
10000
2 Ohm
10 Ohm 100 Ohm
1 kOhm
5 kOhm
10 kOhm 100 kOhm
Operating Temperature Range
-40 to 155°C
Resistor Material
Thick Film
Substrate
Al
2O3
Housing
Epoxy or PPS
Connector Material
Cu tinned
Terminals
2
Max. Torque
T220: 1 Nm
T221: 0.8 Nm
SPECIFICATIONS
Part Description: Part Type - Resistance - Contact - Tolerance
NHR 2-T221 C 1.1 kOhms 1%
Ordering Information
• Resistances from 0.02Ohm to 100kOhms
• Power Rating to 50Watt
• Resistance Tolerances to ±1%
• TCR to ±50ppm/°C
• Load Stability to 0.5%
• TO-220 Housing
• Convenient SMD D2Pak Available
Power Resistors


Similar Part No. - NHS2-T220

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NHS2-T220 RIEDON-NHS2-T220 Datasheet
371Kb / 3P
   Power Resistors
More results

Similar Description - NHS2-T220

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
   Power Resistors
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
   Power Resistors
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
   Power Resistors
logo
RFE international
MOR RFE-MOR Datasheet
977Kb / 2P
   Power Resistors
DEC-29-2023
RHA RFE-RHA Datasheet
2Mb / 3P
   Power Resistors
12-11-2020
logo
Riedon Powertron
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
   Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
   Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com