Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6385ED Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6385ED
Description  High-voltage high and low side driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6385ED Datasheet(HTML) 5 Page - STMicroelectronics

  L6385ED Datasheet HTML 1Page - STMicroelectronics L6385ED Datasheet HTML 2Page - STMicroelectronics L6385ED Datasheet HTML 3Page - STMicroelectronics L6385ED Datasheet HTML 4Page - STMicroelectronics L6385ED Datasheet HTML 5Page - STMicroelectronics L6385ED Datasheet HTML 6Page - STMicroelectronics L6385ED Datasheet HTML 7Page - STMicroelectronics L6385ED Datasheet HTML 8Page - STMicroelectronics L6385ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L6385E
Electrical characteristics
5/16
3
Electrical characteristics
3.1
AC operation
3.2
DC operation
Table 5.
AC operation electrical characteristcs (VCC = 15V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
ton
1 vs 5
2 vs 7
High/low side driver turn-on
propagation delay
Vout = 0V
110
ns
toff
1 vs 5
2 vs 7
High/low side driver turn-off
propagation delay
Vout = 0V
105
ns
tr
5, 7
Rise time
CL = 1000pF
50
ns
tf
5, 7
Fall time
CL = 1000pF
30
ns
Table 6.
DC operation electrical characteristcs (VCC = 15V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Low supply voltage section
Vcc
3
Supply voltage
17
V
Vccth1
Vcc UV turn on threshold
9.1
9.6
10.1
V
Vccth2
Vcc UV turn off threshold
7.9
8.3
8.8
V
Vcchys
Vcc UV hysteresis
1.3
V
Iqccu
Undervoltage quiescent
supply current
Vcc ≤ 9V
150
220
µA
Iqcc
Quiescent current
Vin = 15V
250
320
µA
Rdson
Bootstrap driver on
resistance (1)
Vcc ≥12.5V
125
Bootstrapped supply voltage section
VBS
8
Bootstrap supply voltage
17
V
VBSth1
VBS UV turn on threshold
8.5
9.5
10.5
V
VBSth2
VBS UV turn off threshold
7.2
8.2
9.2
V
VBShys
VBS UV hysteresis
1.3
V
IQBS
VBS quiescent current
HVG ON
200
µA
ILK
High voltage leakage current
Vhvg = Vout =
Vboot = 600V
10
µA
High/low side driver
Iso
5,7
Source short circuit current
VIN = Vih (tp < 10µs)
300
400
mA
Isi
Sink short circuit current
VIN = Vil (tp < 10µs)
450
650
mA


Similar Part No. - L6385ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6385ED013TR STMICROELECTRONICS-L6385ED013TR Datasheet
199Kb / 16P
   High-voltage high and low side driver
More results

Similar Description - L6385ED

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com