Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6385E Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6385E
Description  High-voltage high and low side driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6385E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6385E Datasheet HTML 4Page - STMicroelectronics L6385E Datasheet HTML 5Page - STMicroelectronics L6385E Datasheet HTML 6Page - STMicroelectronics L6385E Datasheet HTML 7Page - STMicroelectronics L6385E Datasheet HTML 8Page - STMicroelectronics L6385E Datasheet HTML 9Page - STMicroelectronics L6385E Datasheet HTML 10Page - STMicroelectronics L6385E Datasheet HTML 11Page - STMicroelectronics L6385E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Bootstrap driver
L6385E
8/16
For example: using a power MOS with a total gate charge of 30nC the drop on the bootstrap
DMOS is about 1V, if the Tcharge is 5µs. In fact:
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 4.
Bootstrap driver
V
drop
30nC
5
µs
--------------- 125
Ω 0.8V
=
TO LOAD
D99IN1056
H.V.
HVG
ab
LVG
HVG
LVG
CBOOT
TO LOAD
H.V.
CBOOT
DBOOT
VBOOT
VS
VS
VOUT
VBOOT
VOUT


Similar Part No. - L6385E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6385ED013TR STMICROELECTRONICS-L6385ED013TR Datasheet
199Kb / 16P
   High-voltage high and low side driver
More results

Similar Description - L6385E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com