Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM691AARW Datasheet(PDF) 8 Page - Analog Devices

Part # ADM691AARW
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM691AARW Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM691AARW Datasheet HTML 4Page - Analog Devices ADM691AARW Datasheet HTML 5Page - Analog Devices ADM691AARW Datasheet HTML 6Page - Analog Devices ADM691AARW Datasheet HTML 7Page - Analog Devices ADM691AARW Datasheet HTML 8Page - Analog Devices ADM691AARW Datasheet HTML 9Page - Analog Devices ADM691AARW Datasheet HTML 10Page - Analog Devices ADM691AARW Datasheet HTML 11Page - Analog Devices ADM691AARW Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–8–
REV. 0
Changing the Watchdog and Reset Timeout
The watchdog and reset timeout periods may be controlled us-
ing OSC SEL and OSC IN. Please refer to Table II. With both
these inputs floating (or connected to VOUT) as in Figure 16, the
reset timeout is fixed at 200 ms and the watchdog timeout is
fixed at 1.6 sec.. If OSC IN is connected to GND as in Figure
16, the reset timeout period remains at 200 ms but a short
(100 ms) watchdog timeout period is selected (except immedi-
ately following a reset where it reverts to 1.6 sec). By connecting
OSC SEL to GND it is possible to select alternative timeout pe-
riods by either connecting a capacitor from OSC IN to GND or
by overdriving OSC IN with an external clock. With an external
capacitor, the watchdog timeout period is
Twd (ms) = 600 (C/47 pF)
and the reset active period is
Treset (ms) = 1200 (C/47 pF)
With an external clock connected to OSC IN, the timeout
periods become
Twd = 1024 (1/fCLK)
Treset = 2048 (1/fCLK)
Battery-Switchover Section
During normal operation with VCC higher than the reset thresh-
old and higher than VBATT, VCC is internally switched to VOUT
via an internal PMOS transistor switch. This switch has a typi-
cal on-resistance of 0.75
Ω and can supply up to 250 mA at the
VOUT terminal. VOUT is normally used to drive a RAM memory
bank which may require instantaneous currents of greater than
250 mA. If this is the case then a bypass capacitor should be
connected to VOUT. The capacitor will provide the peak current
transients to the RAM. A capacitance value of 0.1
µF or greater
may be used.
If the continuous output current requirement at VOUT exceeds
250 mA or if a lower VCC–VOUT voltage differential is desired,
an external PNP pass transistor may be connected in parallel
with the internal transistor. The BATT ON output can drive
the base of the external transistor.
If VCC drops below VBATT and below the reset threshold, battery
backup is selected. A 7
Ω MOSFET switch connects the V
BATT
input to VOUT. This MOSFET has very low input-to-output
differential (dropout voltage) at the low current levels required for
battery backup of CMOS RAM or other low power CMOS cir-
cuitry. The supply current in battery backup is typically 0.04
µA.
High value capacitors, either standard electrolytic or the farad-
size double layer capacitors, can also be used for short-term
memory backup.
If the battery-switchover section is not used, VBATT should be
connected to GND and VOUT should be connected to VCC.
When VCC is below the reset threshold, the watchdog function is
disabled and WDI goes high impedance as it is disconnected
from its internal resistor network.
The internal oscillator is enabled when OSC SEL is high or
floating. In this mode, OSC IN selects between the 1.6 second
and 100 ms watchdog timeout periods.
CEIN
RESET
RESET
VCC
CEOUT
OSC SEL
RESET
THRESHOLD
80µs
t
RS
12µs
t
RS
80µs
Figure 17. RESET and Chip Enable Timing
OSC SEL
OSC IN
7
8
ADM69_A
ADM800_
CLOCK
0 TO 250kHz
Figure 18a. External Clock Source
OSC SEL
OSC IN
7
8
ADM69_A
ADM800_
NC
NC
Figure 18b. Internal Oscillator (1.6 s Watchdog)
7
OSC SEL
OSC IN
8
ADM69_A
ADM800_
COSC
Figure 18c. External Capacitor
Table II. Reset Pulse Width and Watchdog Timeout Selections
Watchdog Timeout Period
OSC SEL
OSC IN
Normal
Immediately After Reset
Reset Active Period
Low
External Clock Input
1024 clks
4096 clks
2048 clks
Low
External Capacitor
600 ms
× C/47 pF
2.4 s
× C/47 pF
1200 ms
× C/47 pF
Floating
Low
100 ms
1.6 s
200 ms
Floating
Floating or VOUT
1.6 s
1.6 s
200 ms


Similar Part No. - ADM691AARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM691AARW AD-ADM691AARW Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AARW AD-ADM691AARW Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM691AARW AD-ADM691AARW Datasheet
278Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM691AARW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com