Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG601BRMZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG601BRMZ-REEL7
Description  Low on resistance, 2.5 OHM maximum
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG601BRMZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG601BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG601BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG601/ADG602
Rev. C | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
5
4
0
3
2
1
VD,VS (V)
TA =25°C
±3.3V
±3V
±2.5V
±5V
±4.5V
–5
–4
–3
–2
–1
0
1
2
3
4
5
Figure 5. On Resistance vs. VD, VS (Dual Supply)
10
8
0
6
4
2
3
9
1
5
7
VD,VS (V)
0
0.51.01.5
2.02.53.03.54.04.55.0
VDD =2.7V
VDD =3.0V
VDD =4.5V
VDD =3.3V
VDD =5.0V
TA =25°C
VSS =0V
Figure 6. On Resistance vs. VD, VS (Single Supply)
5
4
0
3
2
1
VDD =+5V
VSS =–5V
VD,VS (V)
–5
–4
–3
–2
–1
012345
+85°C
+25°C
–40°C
Figure 7. On Resistance vs. VD, VS for Different Temperatures (Dual Supply)
5
4
0
3
2
1
VDD =5V
VSS =0V
+85°C
+25°C
–40°C
VD,VS (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 8. On Resistance vs. VD, VS for Different Temperatures (Single Supply)
0.5
0.3
–0.5
0.1
–0.1
–0.3
–0.2
0.4
–0.4
0
0.2
TEMPERATURE (°C)
0
1020304050607080 85
VDD = +5V
VSS = –5V
VD = ±4.5V
VS = 4.5V
IS (OFF)
ID, IS (ON)
ID (OFF)
Figure 9. Leakage Currents vs. Temperature (Dual Supply)
0.5
0.3
–0.5
0.1
0
–0.1
–0.3
–0.2
0.4
–0.4
0.2
TEMPERATURE (°C)
VDD = 5V
VSS = 0V
VD = 4.5V/1V
VS = 1V/4.5V
IS (OFF)
ID (OFF)
ID, IS (ON)
0
1020
30405060
7080 85
Figure 10. Leakage Currents vs. Temperature (Single Supply)


Similar Part No. - ADG601BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG601BRM AD-ADG601BRM Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
More results

Similar Description - ADG601BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
   Low On-Resistance (1 ohm MAX)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
   Low on-resistance (1 ohm MAX)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
   Low on-resistance (0.35 ohm TYP)
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
Analog Devices
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com