Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM483JR-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADM483JR-REEL
Description  5V Low Power, Slew-Rate Limited
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483JR-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM483JR-REEL Datasheet HTML 6Page - Analog Devices ADM483JR-REEL Datasheet HTML 7Page - Analog Devices ADM483JR-REEL Datasheet HTML 8Page - Analog Devices ADM483JR-REEL Datasheet HTML 9Page - Analog Devices ADM483JR-REEL Datasheet HTML 10Page - Analog Devices ADM483JR-REEL Datasheet HTML 11Page - Analog Devices ADM483JR-REEL Datasheet HTML 12Page - Analog Devices ADM483JR-REEL Datasheet HTML 13Page - Analog Devices ADM483JR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM483
Rev. 0 | Page 10 of 16
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
Figure 19. Output Current vs. Driver Output Low Voltage
–10
–30
–50
–70
–90
–110
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
Figure 20. Output Current vs. Driver Output High Voltage
450
0
50
100
150
200
250
300
350
400
–50
–25
0
255075
100
125
TEMPERATURE (°C)
Figure 21. Driver Propagation Delay vs. Temperature
800
700
600
500
400
300
200
100
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 22. Receiver Propagation Delay vs. Temperature
CH1 1.00V
B
W
CH2 1.00V
B
W
M400ns
CH3
2.00V
CH3 2.00V
B
W
CH4 5.00V
3
2
4
Figure 23. Driver/Receiver Propagation Delay


Similar Part No. - ADM483JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483JR-REEL AD-ADM483JR-REEL Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL AD-ADM483JR-REEL Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
More results

Similar Description - ADM483JR-REEL

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Tiger Electronic Co.,Lt...
MAX489 TGS-MAX489 Datasheet
450Kb / 18P
   LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
logo
Fitipower Integrated Te...
FP6863 FITIPOWER-FP6863 Datasheet
456Kb / 10P
   Slew Rate Limited Load Switch
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com