Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM709LAR Datasheet(PDF) 1 Page - Analog Devices

Part # ADM709LAR
Description  Power Supply Monitor with Resst
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM709LAR Datasheet(HTML) 1 Page - Analog Devices

  ADM709LAR Datasheet HTML 1Page - Analog Devices ADM709LAR Datasheet HTML 2Page - Analog Devices ADM709LAR Datasheet HTML 3Page - Analog Devices ADM709LAR Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FUNCTIONAL BLOCK DIAGRAM
VCC
RESET
ADM709
VTH
RESET
GENERATOR
GND
RESET
ADM709
GND
GND
µP
RESET
VCC
VCC
Typical Operating Circuit
ORDERING GUIDE
Reset
Temperature
Package
Model
Threshold
Range
Option*
ADM709LAN
4.65 V
–40
°C to +85°C N-8
ADM709LAR
4.65 V
–40
°C to +85°C SO-8
ADM709MAN
4.40 V
–40
°C to +85°C N-8
ADM709MAR
4.40 V
–40
°C to +85°C SO-8
ADM709TAN
3.08 V
–40
°C to +85°C N-8
ADM709TAR
3.08 V
–40
°C to +85°C SO-8
ADM709SAN
2.93 V
–40
°C to +85°C N-8
ADM709SAR
2.93 V
–40
°C to +85°C SO-8
ADM709RAN
2.63 V
–40
°C to +85°C N-8
ADM709RAR
2.63 V
–40
°C to +85°C SO-8
*N = Plastic DIP; SO = SOIC.
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Power Supply Monitor
with Reset
ADM709
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The ADM709 contains a power supply monitor which generates
a system reset during power-up, power-down and brownout
conditions. When VCC falls below the reset threshold, RESET
goes low and holds the
µP in reset. On power-up the RESET
output is held low for 140 ms after VCC rises above the thresh-
old. The RESET output remains operational with VCC as low
as 1 V.
Three supply-voltage threshold levels are available suitable for
+5 V, +3.3 V and for +3 V supply monitoring. The actual reset
voltage threshold is given below.
The ADM709 is available in 8-pin DIP and SOIC packages.
Table I. Reset Threshold
Suffix
Voltage (V)
L
4.65
M
4.40
T
3.08
S
2.93
R
2.63
FEATURES
Precision Supply Voltage Monitor
+5 V, +3.3 V, +3 V Power Supply Monitor
35
A Quiescent Current
140 ms (min) Power-On Reset Pulse
Low Cost
8-Pin DIP/SO Packages
Upgrade for MAX709
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Critical
P Monitoring
Automotive Systems
Critical
P Power Monitoring


Similar Part No. - ADM709LAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM709LAR AD-ADM709LAR Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
More results

Similar Description - ADM709LAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
logo
Analog Devices
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
   Power Supply Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com