Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG601BRM-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG601BRM-REEL7
Description  Low on resistance, 2.5 OHM maximum
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG601BRM-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG601BRM-REEL7 Datasheet HTML 1Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 2Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 3Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 4Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 5Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 6Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 7Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 8Page - Analog Devices ADG601BRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG601/ADG602
Rev. C | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to VSS
13 V
VDD to GND
−0.3 V to +6.5 V
VSS to GND
+0.3 V to –6.5 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs1
−0.3 V to VDD + 0.3 V or
30 mA (whichever
occurs first)
Continuous Current, S or D
100 mA
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
200 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Thermal Resistance
MSOP
θJA
206°C/W
θJC
44°C/W
SOT-23
θJA
229.6°C/W
θJC
91.99°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature
220°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at a time.
ESD CAUTION


Similar Part No. - ADG601BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG601BRM AD-ADG601BRM Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
More results

Similar Description - ADG601BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
   Low On-Resistance (1 ohm MAX)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
   Low on-resistance (1 ohm MAX)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
   Low on-resistance (0.35 ohm TYP)
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
Analog Devices
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com