Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1636BCPZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1636BCPZ-REEL7
Description  1 OHM Typical On Resistance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1636BCPZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1636BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1636BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1636
Rev. A | Page 9 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
2
3
4
5
6
7
8
S1A
D1
S1B
NC
GND
VSS
IN1
NC
16
15
14
13
12
11
10
9
NC
EN
VDD
S2A
IN2
D2
S2B
NC
ADG1636
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead TSSOP Pin Configuration
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
1
D1
2
S1B
3
VSS
4
GND
11 VDD
12 EN
10 S2B
9D2
TOP VIEW
(Not to Scale)
ADG1636
Figure 4. 16-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
IN1
Logic Control Input.
2
16
S1A
Source Terminal. This pin can be an input or output.
3
1
D1
Drain Terminal. This pin can be an input or output.
4
2
S1B
Source Terminal. This pin can be an input or output.
5
3
VSS
Most Negative Power Supply Potential.
6
4
GND
Ground (0 V) Reference.
7, 8, 15, 16
5, 7, 13, 14
NC
No Connection.
9
6
IN2
Logic Control Input.
10
8
S2A
Source Terminal. This pin can be an input or output.
11
9
D2
Drain Terminal. This pin can be an input or output.
12
10
S2B
Source Terminal. This pin can be an input or output.
13
11
VDD
Most Positive Power Supply Potential.
14
12
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
off. When this pin is high, the Ax logic inputs determine the on switches.
N/A
17 (EPAD)
EP (EPAD)
Exposed Pad. Tied to substrate, VSS.
Table 8. ADG1636 TSSOP Truth Table
EN
INx
SxA
SxB
0
X
Off
Off
1
0
Off
On
1
1
On
Off
Table 9. ADG1636 LFCSP Truth Table
EN
INx
SxA
SxB
0
X
Off
Off
1
0
Off
On
1
1
On
Off


Similar Part No. - ADG1636BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
More results

Similar Description - ADG1636BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
   Low On-Resistance (1 ohm MAX)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
   Low on-resistance (1 ohm MAX)
logo
Analog Devices
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
logo
Solid State Optronic
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
   Low on-resistance (0.35 ohm TYP)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
   Low On Resistance (1 Max)
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
logo
AMETHERM Circuit Protec...
SG379 AMETHERM-SG379 Datasheet
330Kb / 1P
   RESISTANCE AT 25 DEG C = 1 OHM /- 25%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com